Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7480EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7480EPA
Description  8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7480EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7480EPA Datasheet HTML 1Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 2Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 3Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 4Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 5Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 6Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 7Page - Maxim Integrated Products MAX7480EPA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8th-Order, Lowpass, Butterworth,
Switched-Capacitor Filter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF from COM to GND, SHDN =
VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
MIN
TYP
MAX
SYMBOL
PARAMETER
Measured at DC
SHDN = GND, CLK driven from 0 to VDD
Operating mode, no load, IN = OS = COM
0.5
VSDL
SHDN Input Low
VDD - 0.5
VSDH
SHDN Input High
60
PSRR
Power-Supply Rejection Ratio
0.2
1
I SHDN
Shutdown Current
2.9
3.5
Supply Current
IDD
4.5
5.5
VDD
Supply Voltage
V
V
dB
µA
mA
V
UNITS
SHDN Input Leakage Current
V SHDN = 0 to VDD
±0.1
±10
µA
POWER REQUIREMENTS
SHUTDOWN
FILTER CHARACTERISTICS
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, SHDN = VDD, VCOM = VOS = VDD/2, fCLK = 100kHz, TA
= TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: The maximum fC is defined as the clock frequency fCLK = 100 · fC at which the peak SINAD drops to 68dB with a sinusoidal
input at 0.2fC.
Note 2: DC insertion gain is defined as
∆VOUT / ∆VIN.
Note 3: OS voltages above VDD - 1V saturate the input and result in a 75µA typical input leakage current.
Note 4: fOSC (kHz) ≅ 53 · 103 / COSC (pF).
fIN = 0.5fC
-0.1
0.0
fIN = 2fC
fIN = fC
-3.5
-3.0
-2.5
Insertion Gain Relative to
DC Gain
-48
-43
fIN = 3fC
dB
-76
-70
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER


Similar Part No. - MAX7480EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7481ETI++ MAXIM-MAX7481ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7482 MAXIM-MAX7482 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7482ETI++ MAXIM-MAX7482ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
More results

Similar Description - MAX7480EPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
logo
National Semiconductor ...
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com