Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7422CUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7422CUA
Description  5th-Order, Lowpass, Switched-Capacitor Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7422CUA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7422CUA Datasheet HTML 2Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 3Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 4Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 5Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 6Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 7Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 8Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 9Page - Maxim Integrated Products MAX7422CUA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
____________________________Typical Operating Characteristics (continued)
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425, fCLK = 2.2MHz, SHDN = VDD, VCOM = VOS = VDD / 2,
TA = +25°C, unless otherwise noted.
5th-Order, Lowpass,
Switched-Capacitor Filters
6
_______________________________________________________________________________________
-90
-60
-70
-80
-50
-40
-30
-20
-10
0
10
040
20
60
80
100
MAX7421/MAX7425
FREQUENCY RESPONSE (ELLIPTIC, r = 1.25)
INPUT FREQUENCY (kHz)
-4.0
-3.0
-3.5
-1.5
-2.0
-2.5
0
-0.5
-1.0
0.5
09.0
4.5
13.5
18.0
22.5
MAX7420/MAX7424
PASSBAND FREQUENCY RESPONSE
(BUTTERWORTH)
INPUT FREQUENCY (kHz)
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0
9.0
4.5
13.5
18.0
22.5
MAX7418/MAX7422
PASSBAND FREQUENCY RESPONSE
(ELLIPTIC, r = 1.6)
INPUT FREQUENCY (kHz)
-4.0
-3.0
-3.5
-1.5
-2.0
-2.5
0
-0.5
-1.0
0.5
09.0
4.5
13.5
18.0
22.5
MAX7419/MAX7423
PASSBAND FREQUENCY RESPONSE
(BESSEL)
INPUT FREQUENCY (kHz)
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0
9.0
4.5
13.5
18.0
22.5
MAX7421/MAX7425
PASSBAND FREQUENCY RESPONSE
(ELLIPTIC, r = 1.25)
INPUT FREQUENCY (kHz)
-450
-350
-400
-200
-250
-300
-50
-100
-150
0
08
12
4
16202428
MAX7418/MAX7422
PHASE RESPONSE (ELLIPTIC, r = 1.6)
INPUT FREQUENCY (kHz)
-250
-200
-100
-150
-50
0
08
4
1216202428
MAX7419/MAX7423
PHASE RESPONSE (BESSEL)
INPUT FREQUENCY (kHz)
-350
-250
-300
-150
-200
-50
-100
0
08
12
4
16202428
MAX7420/MAX7424
PHASE RESPONSE (BUTTERWORTH)
INPUT FREQUENCY (kHz)
-450
-350
-400
-200
-250
-300
-50
-100
-150
0
08
12
4
16202428
MAX7424/MAX7425
PHASE RESPONSE (ELLIPTIC, r = 1.25)
INPUT FREQUENCY (kHz)


Similar Part No. - MAX7422CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7422CUA++ MAXIM-MAX7422CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7422CUA++ MAXIM-MAX7422CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7422CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com