Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX746 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX746
Description  High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX746 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX746 Datasheet HTML 1Page - Maxim Integrated Products MAX746 Datasheet HTML 2Page - Maxim Integrated Products MAX746 Datasheet HTML 3Page - Maxim Integrated Products MAX746 Datasheet HTML 4Page - Maxim Integrated Products MAX746 Datasheet HTML 5Page - Maxim Integrated Products MAX746 Datasheet HTML 6Page - Maxim Integrated Products MAX746 Datasheet HTML 7Page - Maxim Integrated Products MAX746 Datasheet HTML 8Page - Maxim Integrated Products MAX746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX746 is a high-efficiency, high-current, step-down
DC-DC power-supply controller that drives external N-chan-
nel FETs. It provides 93% to 96% efficiency from a 6V supply
voltage with load currents ranging from 50mA up to 3A. It
uses a pulse-width-modulating (PWM) current-mode control
scheme to provide precise output regulation and low output
noise. The MAX746's 4V to 15V input voltage range, fixed
5V/adjustable (Dual-ModeTM) output, and adjustable current
limit make this device ideal for a wide range of applications.
High efficiency is maintained with light loads due to a propri-
etary automatic pulse-skipping control (Idle-ModeTM) scheme
that minimizes switching losses by reducing the switching fre-
quency at light loads. The low 950µA quiescent current and
ultra-low 1.4µA shutdown current further extend battery life.
External components are protected by the MAX746's cycle-
by-cycle current limit. The MAX746 also features a 2V ±1.5%
reference, a comparator for low-battery detection or level
translating, and soft-start and shutdown capability.
The MAX747—discussed in a separate data sheet—
functions similarly to the MAX746, but drives P-channel logic
level FETs.
________________________Applications
5V-to-3.3V Green PC Applications
Notebook/Laptop Computers
Personal Digital Assistants
Battery-Operated Equipment
Cellular Phones
____________________________Features
o 93% to 96% Efficiency for 50mA to 3A
Output Currents
o 4V to 15V Input Voltage Range
o Low 950µA Supply Current
o 1.4µA Shutdown Current
o Drives External N-Channel FETs
o Fixed-Frequency Current-Mode PWM (Heavy Loads)
o Idle-Mode PFM (Light Loads)
o Cycle-by-Cycle Current Limiting
o 2V ±1.5% Accurate Reference Output
o Adjustable Soft-Start
o Undervoltage Lockout
o Precision Comparator for Power-Fail or
Low-Battery Warning
______________Ordering Information
* Contact factory for dice specifications.
High-Efficiency, PWM, Step-Down,
N-Channel DC-DC Controller
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND
V+
CP
HIGH
REF
SS
LBI
LBO
TOP VIEW
MAX746
EXT
AGND
CS
OUT
AV+
CC
FB
SHDN
DIP/SO
__________________Pin Configuration
CP
HIGH
SHDN
LBI
REF
EXT
OUT
V+
AV+
CS
OUTPUT
5V
LOW-BATTERY
DETECTOR OUTPUT
LBO
GND
AGND
FB
CC
SS
ON/OFF
LOW-BATTERY
DETECTOR INPUT
INPUT 6V TO 15V
40m
39
µH
440
µF
MAX746
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
PART
TEMP. RANGE
PIN-PACKAGE
MAX746CPE
0°C to +70°C
16 Plastic DIP
MAX746CSE
0°C to +70°C
16 Narrow SO
MAX746C/D
0°C to +70°C
Dice*
MAX746MJE
-55°C to +125°C
16 CERDIP
MAX746ESE
-40°C to +85°C
16 Narrow SO
MAX746EPE
-40°C to +85°C
16 Plastic DIP
19-0192; Rev 1; 11/93
™Dual-Mode and Idle-Mode are trademarks of Maxim Integrated Products.


Similar Part No. - MAX746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7461 MAXIM-MAX7461 Datasheet
490Kb / 7P
   Loss-of-Sync Alarm
Rev 0; 5/06
MAX7461EUK MAXIM-MAX7461EUK Datasheet
490Kb / 7P
   Loss-of-Sync Alarm
Rev 0; 5/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462USA MAXIM-MAX7462USA Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462UUA MAXIM-MAX7462UUA Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
More results

Similar Description - MAX746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com