Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7410EPA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7410EPA
Description  5th-Order, Lowpass, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7410EPA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7410EPA Datasheet HTML 1Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 2Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 3Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 4Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 5Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 6Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 7Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 8Page - Maxim Integrated Products MAX7410EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
-56
-40
-48
-32
-8
0
-16
-24
8
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
MAX7409/MAX7413
FREQUENCY RESPONSE
(BESSEL)
INPUT FREQUENCY (kHz)
fC = 1kHz
-70
-50
-60
-40
-10
0
-20
-30
10
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
MAX7410/MAX7414
FREQUENCY RESPONSE
(BUTTERWORTH)
INPUT FREQUENCY (kHz)
fC = 1kHz
-250
-200
-100
-150
-50
0
0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
MAX7409/MAX7413
PHASE RESPONSE
(BESSEL)
INPUT FREQUENCY (kHz)
fC = 1kHz
-350
-300
-200
-250
-100
-50
-150
0
0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
MAX7410/MAX7414
PHASE RESPONSE
(BUTTERWORTH)
INPUT FREQUENCY (kHz)
fC = 1kHz
-3.2
-2.4
-3.0
-2.0
-0.8
-0.4
-1.2
-1.6
0
0
204 306 408 510
102
612 714 816 918 1.02k
MAX7409/MAX7413
PASSBAND FREQUENCY RESPONSE
(BESSEL)
INPUT FREQUENCY (Hz)
fC = 1kHz
-3.5
-2.5
-3.0
-2.0
-0.5
0
-1.0
-1.5
0.5
0
204 306 408 510
102
612 714 816 918 1.02k
MAX7410/MAX7414
PASSBAND FREQUENCY RESPONSE
(BUTTERWORTH)
INPUT FREQUENCY (Hz)
fC = 1kHz
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
Typical Operating Characteristics
(VDD = +5V for MAX7409/MAX7410, VDD = +3V for MAX7413/MAX7414, fCLK = 100kHz, SHDN = VDD, COM = OS = VDD / 2, TA = +25°C,
unless otherwise noted.)
LABEL
fIN
(Hz)
fC
(kHz)
A
200
1
B
1k
5
fCLK
(kHz)
100
500
MEASUREMENT
BANDWIDTH (kHz)
22
80
Table A. THD+N vs. Input Signal
Amplitude Plot Characteristics


Similar Part No. - MAX7410EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7410CUA++ MAXIM-MAX7410CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7410CUA++ MAXIM-MAX7410CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7410EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com