Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7405 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7405
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7405 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7405 Datasheet HTML 1Page - Maxim Integrated Products MAX7405 Datasheet HTML 2Page - Maxim Integrated Products MAX7405 Datasheet HTML 3Page - Maxim Integrated Products MAX7405 Datasheet HTML 4Page - Maxim Integrated Products MAX7405 Datasheet HTML 5Page - Maxim Integrated Products MAX7405 Datasheet HTML 6Page - Maxim Integrated Products MAX7405 Datasheet HTML 7Page - Maxim Integrated Products MAX7405 Datasheet HTML 8Page - Maxim Integrated Products MAX7405 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX7401 (continued)
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX7405
(VDD = +3V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
MIN
TYP
MAX
SYMBOL
PARAMETER
Measured at DC
SHDN = GND, CLK driven from 0 to VDD
Operating mode, no load, IN = OS = COM
0.5
VSDL
SHDN Input Low
VDD - 0.5
VSDH
SHDN Input High
60
PSRR
Power-Supply Rejection Ratio
0.2
1
I SHDN
Shutdown Current
2
3.5
Supply Current
IDD
4.5
5.5
VDD
Supply Voltage
V
V
dB
µA
mA
V
UNITS
SHDN Input Leakage Current
V SHDN = 0 to VDD
±0.1
±10
µA
POWER REQUIREMENTS
SHUTDOWN
µA
±0.1
±10
VOS = 0 to (VDD - 1V) (Note 3)
Input Leakage Current at OS
µA
±0.1
±10
SHDN = GND, VCOM = 0 to VDD
Input Leakage Current at COM
Maximum Capacitive
Load at OUT
UNITS
kHz
ppm/°C
V
mV
dB
dB
V/ V
V
mVp-p
k
pF
PARAMETER
SYMBOL
MIN
TYP
MAX
DC Insertion Gain with
Output Offset Removed
-0.1
0.03
0.3
Output Offset Voltage
VOFFSET
±5
±25
Output Voltage Range
0.25
VDD - 0.25
Clock-to-Corner Tempco
10
Total Harmonic Distortion
plus Noise
THD+N
-84
OS Voltage Gain to OUT
AOS
1
Corner Frequency
fC
0.001 to 5
Clock-to-Corner Ratio
fCLK/fC
100:1
COM Voltage Range
VCOM
VDD / 2
VDD / 2
VDD / 2
- 0.1
+ 0.1
Clock Feedthrough
10
Resistance Output Load Drive
RL
10
1
CL
50
500
CONDITIONS
VCOM = VDD / 2 (Note 2)
VIN = VCOM = VDD / 2
fIN = 200Hz, VIN = 2.5Vp-p,
measurement bandwidth = 22kHz
(Note 1)
k
Input Resistance at COM
RCOM
75
125
COM internally biased or externally driven
V
Input Voltage Range at OS
VOS
VCOM ±0.1
FILTER CHARACTERISTICS


Similar Part No. - MAX7405

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400CPA MAXIM-MAX7400CPA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400CSA MAXIM-MAX7400CSA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400EPA MAXIM-MAX7400EPA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400ESA MAXIM-MAX7400ESA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
More results

Similar Description - MAX7405

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com