Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6476UT28AD3 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6476UT28AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6476UT28AD3 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6476UT28AD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 9Page - Maxim Integrated Products MAX6476UT28AD3 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
6
_______________________________________________________________________________________
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.994
1.000
1.006
1.012
0.988
-40
85
NORMALIZED TO +25
°C
ILOAD = 10mA
ILOAD = 150mA
ILOAD = 300mA
MAX6469 toc13
100
µs/div
VOUT
20mV/div
AC-COUPLED
5V
4.5V
VIN
500mV/div
VOUT = 3.3V
ILOAD = 10mA
LINE TRANSIENT RESPONSE
MAX6469 toc14
200ms/div
VIN
1V TO 4V
2V/div
RESET
2V/div
RESET DELAY RESPONSE
MAX6469 toc15
200ns/div
MR
2V/div
RESET
2V/div
RESET RESPONSE TO MR
MAX6469 toc16
200ms/div
VOUT
2V/div
RESET
2V/div
RESET RESPONSE TO VIN RISING
VIN
5V/div
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 3.3V, COUT = 3.3µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6476UT28AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6476 MAXIM-MAX6476 Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results

Similar Description - MAX6476UT28AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com