Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX742EWP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX742EWP
Description  Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX742EWP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX742EWP Datasheet HTML 4Page - Maxim Integrated Products MAX742EWP Datasheet HTML 5Page - Maxim Integrated Products MAX742EWP Datasheet HTML 6Page - Maxim Integrated Products MAX742EWP Datasheet HTML 7Page - Maxim Integrated Products MAX742EWP Datasheet HTML 8Page - Maxim Integrated Products MAX742EWP Datasheet HTML 9Page - Maxim Integrated Products MAX742EWP Datasheet HTML 10Page - Maxim Integrated Products MAX742EWP Datasheet HTML 11Page - Maxim Integrated Products MAX742EWP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Switch-Mode Regulator with
+5V to ±12V or ±15V Dual Output
_______________________________________________________________________________________
9
MAX742
Q2
Q1
CSH+
VIN
4.5V to 6V*
CSL+
1
J1
C2
6.8nF
+VO
D1
1N5820
L1
25
µH
R2
0.02
C8
1000
µF
C6
D4
1N914
D3
1N914
C9
1000
µF
GND
EXT+
PUMP
PDRV
EXT-
V+
CSH-
CSL-
C7
1
µF
C14
0.1
µF
DISC CERAMIC
C1
0.1
µF
NOTES:
Q1 = Motorola MTP25N06L
Q2 = International Rectifier IRF9Z30
L1, L2 = Gowanda 121AT2502VC
R2, R3 = KRL LB4-1 ±3%
C8–C13 = Nichicon PL Series (25V or 35V)
R3
0.02
C10
1000
µF
10V
C3
10
µF
R1
100
C4
2.2
µF
C5
6.8nF
L2
25
µH
-VO
D2
1N5820
C11
1000
µF
C12
1000
µF
1
µF
FB+
CC+
AGND
AV+
100/200
12/15
VREF
* FOR HIGHER INPUT VOLTAGE, SEE
SUPPLY-VOLTAGE RANGE SECTION.
SS
CC-
FB-
C13
330
µF
Figure 3. High-Power 22W Application Circuit


Similar Part No. - MAX742EWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7420CUA MAXIM-MAX7420CUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
MAX7420EUA MAXIM-MAX7420EUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7421 MAXIM-MAX7421 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results

Similar Description - MAX742EWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
   3.3V 5V 짹12V Housekeeping IC
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
   3.3V 5V 짹12V Housekeeping IC
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
   DUAL 5V REGULATOR WITH RESET
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
   DUAL 5V REGULATOR WITH RESET
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
   -5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com