Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8839 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8839
Description  LOW VOLTAGE DUAL 쩍-H-BRIDGE DRIVER IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8839 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8839_15 Datasheet HTML 3Page - Texas Instruments DRV8839_15 Datasheet HTML 4Page - Texas Instruments DRV8839_15 Datasheet HTML 5Page - Texas Instruments DRV8839_15 Datasheet HTML 6Page - Texas Instruments DRV8839_15 Datasheet HTML 7Page - Texas Instruments DRV8839_15 Datasheet HTML 8Page - Texas Instruments DRV8839_15 Datasheet HTML 9Page - Texas Instruments DRV8839_15 Datasheet HTML 10Page - Texas Instruments DRV8839_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DRV8839
www.ti.com
SLVSBN4A – JANUARY 2013 – REVISED JANUARY 2014
FUNCTIONAL DESCRIPTION
Bridge Control
The DRV8839 is controlled using separate enable and input pins for each ½-H-bridge.
The following table shows the logic for the DRV8839:
ENx
INx
OUTx
0
X
Z
1
0
L
1
1
H
Sleep Mode
If the nSLEEP pin is brought to a logic-low state, the DRV8839 will enter a low-power sleep mode. In this state
all unnecessary internal circuitry is powered down.
Power Supplies and Input Pins
The input pins may be driven within their recommended operating conditions with or without the VCC and VM
power supplies present. No leakage current path will exist to the supply. There is a weak pulldown resistor
(approximately 100 k
Ω) to ground on each input pin.
VCC and VM may be applied and removed in any order. When VCC is removed, the device will enter a low
power state and draw very little current from VM. If the supply voltage is between 1.8 V and 7 V, VCC and VM
may be connected together.
The VM voltage supply does not have any undervoltage lockout protection (UVLO), so as long as VCC > 1.8 V,
the internal device logic will remain active. This means that the VM pin voltage may drop to 0 V, however, the
load may not be sufficiently driven at low VM voltages.
Protection Circuits
The DRV8839 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the OCP time, all FETs in the H-bridge will be disabled. After
approximately 1 ms, the bridge will be re-enabled automatically.
Overcurrent conditions on both high and low side devices; i.e., a short to ground, supply, or across the motor
winding will all result in an overcurrent shutdown.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled. Once the die temperature
has fallen to a safe level operation will automatically resume.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VCC pin falls below the undervoltage lockout threshold voltage, all circuitry in
the device is disabled and internal logic is reset. Operation resumes when VCC rises above the UVLO threshold.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV8839


Similar Part No. - DRV8839_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8839 TI1-DRV8839_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage Dual H-Bridge Driver IC
More results

Similar Description - DRV8839_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8844 TI-DRV8844_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8844 Quad 쩍-H-Bridge Driver IC
DRV8839 TI1-DRV8839_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage Dual H-Bridge Driver IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836 Datasheet
655Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com