Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3188GN274U040DPA1 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 3188GN274U040DPA1
Description  85 째C Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3188GN274U040DPA1 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  3188GN274U040DPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3188GN274U040DPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3188GN274U040DPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3188GN274U040DPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3188GN274U040DPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3188GN274U040DPA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3188GN274U040DPA1 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D
L
H
Optional Stud
P
A
0.63 (16)
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Outline Drawing
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters
Code
in
mm
in
mm
Thread
in
mm
in∙lb
N∙m
Low Post
1 3/8 to 3
B
0.314
8.0
0.094
2.4
10–32
0.218
5.5
25
2.82
High Post
1 3/8 to 3
A
0.314
8.0
0.281
7.1
10–32
0.375
9.5
25
2.82
High Current, Low
2 1/2 & 3
D
0.684
17.4
0.125
3.2
¼–28
0.344
8.7
50
5.65
High Current, High
2 1/2 & 3
K
0.684
17.4
0.281
7.1
¼–28
0.469
11.9
60
6.78
M5 High Post
1 3/8 to 2
M
0.314
8.0
0.281
7.1
M5
0.375
9.5
25
2.82
M5 Post
2 1/2 & 3
F
0.512
13.0
0.230
5.8
M5
0.344
8.7
25
2.82
M6 Low Post
2 1/2 & 3
J
0.684
17.4
0.125
3.2
M6
0.344
8.7
50
5.65
Can Dimensions Insulation Adders
Diameter (D)
Length (L)
Standing Height (H)
(in)
(mm )
(in)
(mm )
(in)
(mm )
0.008" PVC
0.02
0.51
0.032
0.81
0.024
0.61
Type 3188 85 °C Best Value, Screw Terminal, Aluminum
85 °C Long Life Screw Terminal Type
Part Numbering System
M
Terminal
A=high post
B=low post
D=high current
low post
K=high current
high post
M=M5 high post
 J=M6lowpost
P
Insulation
P=0.008” PVC
with mounting
clamp/bracket
R=0.008” PVC
A1
Construction*
A1=compression
R1=rilled
S1=stud & compression
T1=stud & rilled
T
Tolerance
M= ±20%
S= –10 +30%
T= –10 +50%
U= –10 +75%
400
Voltage
016=16 Vdc
450=450 Vdc
562
Capacitance
562=5600 µF
223=22000 µF
821=820 µF
GH
Case Code
3188
Type
* Construction code is also a sequence number, e.g., A1, A2,---,A9, B1,B2,---, for customer
specifications. Sequence number 1 in A1, R1, S1 and T1 denotes the standard catalog capacitor
with no special requirements.
Case
Stud
P± 0.039”
Diam.
Thread
(±1.0 mm)
1.375
M8
0.470” (12.0)
1.750
M8
0.470” (12.0)
2.000
M12
0.630” (16.0)
2.500
M12
0.630” (16.0)
3.000
M12
0.630” (16.0)
Stud Dimensions


Similar Part No. - 3188GN274U040DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188GN274U040DPA1 CDE-3188GN274U040DPA1 Datasheet
231Kb / 5P
   Aluminum Electrolytic Screw Terminals
3188GN274U040DPA1 CDE-3188GN274U040DPA1 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
More results

Similar Description - 3188GN274U040DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com