Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3186GH224T040DPA1 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 3186GH224T040DPA1
Description  Best Value 85 째C High Capacitance Screw Terminal Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3186GH224T040DPA1 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  3186GH224T040DPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 7Page - Cornell Dubilier Electronics 3186GH224T040DPA1 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 3186 85 °C Aluminum Electrolytic, Screw Terminal
Best Value 85 °C High Capacitance Screw Terminal Type
While Type 3186’s standard encasement is by compression with the
capacitor element captured on an aluminum peg in the can bottom
and a phenolic peg in the top, rilled construction is available.  With
rilled construction the element is secured by rills, spoon shaped
dimples in the side of the can.  Rilled construction offers the
industry’s highest vibration and shock withstanding and excellent
heat transfer.  Besides increasing ripple current handling, the rilled
construction extends the great value of the Type 3186 into military
and transportation applications that require rugged mechanical
capability.
Highlights
- Rilled cans withstand high shock and vibration
- High ripple current capability
- High capacitance per can
Specifications
Temperature Range
–40 ºC to +85 ºC
Rated Voltage Range
16 Vdc to 500 Vdc
Capacitance Range
220 uF to 1.0 F
Capacitance Tolerance
–10% +75% ≤ 160 Vdc
–10% +50% ≥ 200 Vdc
Leakage Current
≤6√CV µA (6 mA max.) at 5 minutes
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20 ⁰C ∕ Z+25 ⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–500 Vdc)
Endurance Life Test
1,500 h @ full load at 85 °C
∆Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h @ 85 °C
∆Capacitance ±10%
ESR 175% of limit
DCL 100% of limit
Vibration
10 to 500 Hz, 0.75 mm or 10 g* if less,
3 directions, 2 h ea
Δ Capacitance: ±5%
no visible damage or leakage
*15 g if rilled construction
RoHS Compliant
45 °C
55 °C
65 °C
75 °C
85 °C
2.24
2.00
1.73
1.41
1.00
Frequency
60 Hz 120 Hz 300 Hz 1000 Hz
≥10
kHz
16 – 100 V
0.90
1.00
1.15
1.25
1.30
200 – 500 V 0.90
1.00
1.25
1.40
1.50
Ambient Temperature
click here to see hardware and mounting options


Similar Part No. - 3186GH224T040DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3186GH224T040DPA1 CDE-3186GH224T040DPA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
3186GH224T040DPA1 CDE-3186GH224T040DPA1 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
More results

Similar Description - 3186GH224T040DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
420C CDE-420C_13 Datasheet
144Kb / 6P
   Best Value, High Ripple, Board-Mount Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com