Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7405EPA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7405EPA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7405EPA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7405EPA Datasheet HTML 1Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 2Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 3Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 4Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 5Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 6Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 7Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 8Page - Maxim Integrated Products MAX7405EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
-70
-50
-60
-40
-10
0
-20
-30
10
012345
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
-3.5
-2.5
-3.0
-2.0
-0.5
0
-1.0
-1.5
0.5
0
202
404
606
808
1010
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
1.97
1.99
1.98
2.01
2.00
2.02
2.03
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
NO LOAD
MAX7401
MAX7405
10,000
0.1
0.01
0.1
1
10
100
1000
INTERNAL OSCILLATOR FREQUENCY
vs. COSC CAPACITANCE
1
COSC CAPACITANCE (nF)
10
100
1000
-20
-15
-10
-5
0
5
10
15
20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX7401
VIN = VCOM = VDD / 2
MAX7405
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
NORMALIZED OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 390pF
MAX7401
MAX7405
-400
-300
-350
-250
-100
-50
-150
-200
0
0
400
800
1200
1600
2000
PHASE RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
1.5
1.8
1.7
1.6
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
MAX7405
MAX7401
-1.5
-1.0
0
-0.5
0.5
1.0
-40
0
-20
20
40
60
80
100
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VIN = VCOM = VDD / 2
Typical Operating Characteristics
(VDD = +5V for MAX7401, VDD = +3V for MAX7405; fCLK = 100kHz; SHDN = VDD; VCOM = VOS = VDD / 2; TA = +25°C; unless otherwise
noted.)


Similar Part No. - MAX7405EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400CPA MAXIM-MAX7400CPA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400CSA MAXIM-MAX7400CSA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400EPA MAXIM-MAX7400EPA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7400ESA MAXIM-MAX7400ESA Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
More results

Similar Description - MAX7405EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com