Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3186GF184T040DPA1 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 3186GF184T040DPA1
Description  Best Value 85 째C High Capacitance Screw Terminal Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3186GF184T040DPA1 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  3186GF184T040DPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 7Page - Cornell Dubilier Electronics 3186GF184T040DPA1 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 3186 85 °C Aluminum Electrolytic, Screw Terminal
Best Value 85 °C High Capacitance Screw Terminal Type
Typical Performance Curves
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3186 Impedance vs Temperature and Frequency 4600 µF 400 V
–40 ºC
0 ºC
25 ºC
45 ºC
85 ºC
65 ºC
–20 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3186 Capacitance vs Temperature & Frequency 4600 µF 400 V
45 ºC
25 ºC
65 ºC
0 ºC
–40 ºC
85 ºC
–20 ºC
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3186 Impedance vs Temperature and Frequency 1400 µF 400 V
–40 ºC
0 ºC
25 ºC
45 ºC
85 ºC
65 ºC
–20 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3186 ESR vs Temperature & Frequency 1400 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type 3186 Capacitance vs Temperature & Frequency 1400 µF 400 V
45 ºC
25 ºC
65 ºC
0 ºC
–40 ºC
85 ºC
–20 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
Frequency (Hz)
Type 3186 ESR vs Temperature & Frequency 4600 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC


Similar Part No. - 3186GF184T040DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3186GF184T040DPA1 CDE-3186GF184T040DPA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
3186GF184T040DPA1 CDE-3186GF184T040DPA1 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
More results

Similar Description - 3186GF184T040DPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
420C CDE-420C_13 Datasheet
144Kb / 6P
   Best Value, High Ripple, Board-Mount Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com