Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8833C Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8833C
Description  DRV8833C Dual H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8833C Datasheet(HTML) 5 Page - Texas Instruments

  DRV8833C_15 Datasheet HTML 1Page - Texas Instruments DRV8833C_15 Datasheet HTML 2Page - Texas Instruments DRV8833C_15 Datasheet HTML 3Page - Texas Instruments DRV8833C_15 Datasheet HTML 4Page - Texas Instruments DRV8833C_15 Datasheet HTML 5Page - Texas Instruments DRV8833C_15 Datasheet HTML 6Page - Texas Instruments DRV8833C_15 Datasheet HTML 7Page - Texas Instruments DRV8833C_15 Datasheet HTML 8Page - Texas Instruments DRV8833C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DRV8833C
www.ti.com
SLVSCP9 – AUGUST 2014
6.4 Thermal Information
DRV8833C
THERMAL METRIC(1)
HTSSOP
QFN
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
40.5
44.7
RθJC(top)
Junction-to-case (top) thermal resistance
32.9
48.5
RθJB
Junction-to-board thermal resistance
28.8
16.8
°C/W
ψJT
Junction-to-top characterization parameter
0.6
0.7
ψJB
Junction-to-board characterization parameter
11.5
16.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.8
4.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, VINT)
VM
VM operating voltage
2.7
10.8
V
IVM
VM operating supply current
VM = 5 V, xINx low, nSLEEP high
1.7
3
mA
IVMQ
VM sleep mode supply current
VM = 5 V, nSLEEP low
1.6
2.7
μA
tSLEEP
Sleep time
nSLEEP low to sleep mode
10
µs
tWAKE
Wake-up time
nSLEEP high to output transition
155
μs
tON
Turn-on time
VM > VUVLO to output transition
25
μs
VINT
Internal regulator voltage
VM = 5 V
3
3.3
3.6
V
CONTROL INPUTS (AIN1, AIN2, BIN1, BIN2, nSLEEP)
xINx
0
0.7
VIL
Input logic low voltage
V
nSLEEP
0
0.5
xINx
2
5.5
VIH
Input logic high voltage
V
nSLEEP
2.5
5.5
VHYS
Input logic hysteresis
350
400
650
mV
IIL
Input logic low current
VIN = 0 V
–1
1
μA
IIH
Input logic high current
VIN = 5 V
50
μA
xINx
100
150
250
RPD
Pulldown resistance
k
nSLEEP
380
500
750
tDEG
Input deglitch time
575
ns
tPROP
Propagation delay INx to OUTx
VM = 5 V
1.2
μs
CONTROL OUTPUTS (nFAULT)
VOL
Output logic low voltage
IO = 5 mA
0.5
V
IOH
Output logic high leakage
RPULLUP = 1 kΩ to 5 V
–1
1
μA
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
VM = 5 V, I = 0.2 A, TA = 25°C
1180
VM = 5 V, I = 0.2 A, TA = 85°C
(1)
1400
1475
RDS(ON)
High-side FET on-resistance
m
VM = 2.7 V, I = 0.2 A, TA = 25°C
1550
VM = 2.7 V, I = 0.2 A, TA = 85°C
(1)
1875
1975
VM = 5 V, I = 0.2 A, TA = 25°C
555
VM = 5 V, I = 0.2 A, TA = 85°C
(1)
675
705
RDS(ON)
Low-side FET on-resistance
m
VM = 2.7 V, I = 0.2 A, TA = 25°C
635
VM = 2.7 V, I = 0.2 A, TA = 85°C
(1)
775
815
(1)
Not tested in production; based on design and characterization data
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8833C


Similar Part No. - DRV8833C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833CPWP TI1-DRV8833CPWP Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833CPWPR TI1-DRV8833CPWPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833CRTER TI1-DRV8833CRTER Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833CRTET TI1-DRV8833CRTET Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results

Similar Description - DRV8833C_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com