Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8832QDGQRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8832QDGQRQ1
Description  LOW-VOLTAGE MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8832QDGQRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  DRV8832QDGQRQ1 Datasheet HTML 1Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 2Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 3Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 4Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 5Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 6Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 7Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 8Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Over-
Temp
OUT1
OUT2
GND
IN1
VREF
VSET
VCC
VCC
VCC
Battery
DCM
Gate
Drive
Integ.
Comp
+
-
Logic
Ref
Osc
OCP
VCC
Gate
Drive
OCP
IN2
Current
Sense
FAULTn
ISENSE
DRV8832-Q1
SLVSBW9B – APRIL 2013 – REVISED JANUARY 2014
www.ti.com
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(2)
NUMBER
MARKING
Reel of 250
DRV8832QDGQRQ1
8832Q
-40°C to 125°C
PowerPAD™ (MSOP) - DGQ
Tube of 80
DRV8832QDGQQ1
8832Q
(1)
For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION
Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DRV8832-Q1


Similar Part No. - DRV8832QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8832 TI-DRV8832 Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832-Q1 TI1-DRV8832-Q1 Datasheet
768Kb / 20P
[Old version datasheet]   Low-Voltage Motor Driver IC
DRV8832DGQ TI-DRV8832DGQ Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832DGQR TI-DRV8832DGQR Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832DRCR TI-DRV8832DRCR Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
More results

Similar Description - DRV8832QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8832 TI-DRV8832 Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832-Q1 TI1-DRV8832-Q1 Datasheet
768Kb / 20P
[Old version datasheet]   Low-Voltage Motor Driver IC
DRV8832 TI-DRV8832_15 Datasheet
921Kb / 20P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com