Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520C163T250DN2B Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 520C163T250DN2B
Description  High Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C163T250DN2B Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  520C163T250DN2B Datasheet HTML 1Page - Cornell Dubilier Electronics 520C163T250DN2B Datasheet HTML 2Page - Cornell Dubilier Electronics 520C163T250DN2B Datasheet HTML 3Page - Cornell Dubilier Electronics 520C163T250DN2B Datasheet HTML 4Page - Cornell Dubilier Electronics 520C163T250DN2B Datasheet HTML 5Page - Cornell Dubilier Electronics 520C163T250DN2B Datasheet HTML 6Page - Cornell Dubilier Electronics 520C163T250DN2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 520C 85 °C Long Life, Inverter Grade, Aluminum
High Ripple, Long Life Screw Terminal Type
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C 120 Hz
(mΩ)
Ripple Max.
@ 85 °C 120
Hz (A)
Nominal Size
D x L (inches)
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C 120 Hz
(mΩ)
Ripple Max. @
85 °C 120 Hz
(A)
Nominal Size
D x L (inches)
350 Vdc (400 Vdc Surge)
450 Vdc (500 Vdc Surge)
7900
520C792T350DP2B
22.8
18.3
3 x 5 7/8
2500
520C252T450DJ2B
40.3
11.8
3 x 3 5/8
8000
520C802T350FD2D
27.0
17.1
3 1/2 x 4 5/8
2700
520C272T450CE2B
38.9
12.0
2 1/2 x 5 1/8
9200
520C922T350FE2D
23.6
18.9
3 1/2 x 5 1/8
3100
520C312T450CF2B
32.7
13.5
2 1/2 x 5 5/8
10000 520C103T350FF2D
21.0
20.6
3 1/2 x 5 5/8
3100
520C312T450DC2B
33.0
13.6
3 x 4 1/8
10000 520C103T350FF2D
21.0
20.6
3 1/2 x 5 5/8
3600
520C362T450DD2B
27.8
15.3
3 x 4 5/8
11000 520C113T350FP2D
19.9
21.4
3 1/2 x 5 7/8
4200
520C422T450DE2B
23.9
17.1
3 x 5 1/8
13000 520C133T350DG2B
14.9
25.5
3 x 8 5/8
4300
520C432T450FC2D
23.9
17.5
3 1/2 x 4 1/8
15000 520C153T350FN2D
15.7
26.7
3 1/2 x 7 5/8
4700
520C472T450DF2B
21.3
18.7
3 x 5 5/8
18000 520C183T350FG2D
13.0
29.7
3 1/2 x 8 5/8
5000
520C502T450DP2B
20.0
19.5
3 x 5 7/8
400 Vdc (450 Vdc Surge)
5000
520C502T450FD2D
20.0
19.9
3 1/2 x 4 5/8
1100
520C112T400CH2B
97.8
6.1
2 1/2 x 2 5/8
5800
520C582T450FE2D
17.6
21.8
3 1/2 x 5 1/8
1600
520C162T400CB2B
68.6
7.7
2 1/2 x 3 1/8
6600
520C662T450FF2D
15.1
24.2
3 1/2 x 5 5/8
2000
520C202T400CJ2B
54.6
9.1
2 1/2 x 3 5/8
7000
520C702T450FP2D
14.3
25.2
3 1/2 x 5 7/8
2400
520C242T400CC2B
44.9
10.4
2 1/2 x 4 1/8
7000
520C702T450DN2B
15.0
25.0
3 x 7 5/8
2400
520C242T400DB2B
60.4
9.2
3 x 3 1/8
8100
520C812T450DG2B
12.5
27.9
3 x 8 5/8
2900
520C292T400CD2B
47.1
10.6
2 1/2 x 4 5/8
9500
520C952T450FN2D
11.0
32.0
3 1/2 x 7 5/8
3000
520C302T400DJ2B
47.1
10.9
3 x 3 5/8
11000 520C113T450FG2D
9.1
35.5
3 1/2 x 8 5/8
3300
520C332T400CD2B
33.0
13.0
2 1/2 x 5 1/8
500 Vdc (550 Vdc Surge)
3700
520C372T400DC2B
38.8
12.5
3 x 4 1/8
630
520C631T500CH2B
165.0
4.7
2 1/2 x 2 5/8
3800
520C382T400CF2B
33.0
13.5
2 1/2 x 5 5/8
890
520C891T500CB2B
118.0
5.9
2 1/2 x 3 1/8
4400
520C442T400DD2B
29.5
14.9
3 x 4 5/8
1100
520C112T500CJ2B
91.9
7.0
2 1/2 x 3 5/8
5000
520C502T400DE2B
28.8
15.6
3 x 5 1/8
1300
520C132T500DB2B
77.1
8.1
3 x 3 1/8
5200
520C522T400FC2D
33.5
14.8
3 1/2 x 4 1/8
1400
520C142T500CC2B
73.1
8.2
2 1/2 x 4 1/8
5700
520C572T400DF2B
25.6
17.0
3 x 5 5/8
1600
520C162T500CD2B
63.2
9.1
2 1/2 x 4 5/8
6100
520C612T400DP2B
24.3
17.7
3 x 5 7/8
1700
520C172T500DJ2B
60.1
9.7
3 x 3 5/8
6100
520C612T400FD2D
28.8
16.6
3 1/2 x 4 5/8
1900
520C192T500CD2B
54.9
10.1
2 1/2 x 5 1/8
7000
520C702T400FE2D
25.1
18.3
3 1/2 x 5 1/8
2100
520C212T500DC2B
49.4
11.1
3 x 4 1/8
8000
520C802T400FF2D
22.3
20.0
3 1/2 x 5 5/8
2200
520C222T500CF2B
46.2
11.4
2 1/2 x 5 5/8
8400
520C842T400DN2B
19.1
22.2
3 x 7 5/8
2500
520C252T500DD2B
42.0
12.5
3 x 4 5/8
8500
520C852T400FP2D
21.1
20.8
3 1/2 x 5 7/8
2900
520C292T500DE2B
36.5
13.8
3 x 5 1/8
9800
520C982T400DG2B
15.8
24.8
3 x 8 5/8
3000
520C302T500FC2D
35.7
14.4
3 1/2 x 4 1/8
12000 520C123T400FN2D
16.6
25.9
3 1/2 x 7 5/8
3300
520C332T500DF2B
32.4
15.1
3 x 5 5/8
14000 520C143T400FG2D
13.8
28.8
3 1/2 x 8 5/8
3500
520C352T500DP2B
30.6
15.8
3 x 5 7/8
450 Vdc (500 Vdc Surge)
3500
520C352T500FD2D
30.3
16.1
3 1/2 x 4 5/8
920
520C921T450CH2B
114.0
5.6
2 1/2 x 2 5/8
4000
520C402T500FE2D
26.4
17.8
3 1/2 x 5 1/8
1300
520C132T450CB2B
81.9
7.0
2 1/2 x 3 1/8
4600
520C462T500FF2D
23.4
19.5
3 1/2 x 5 5/8
1600
520C162T450CJ2B
63.5
8.4
2 1/2 x 3 5/8
4800
520C482T500FP2D
22.2
20.3
3 1/2 x 5 7/8
1900
520C192T450DB2B
52.6
9.8
3 x 3 1/8
4800
520C482T500DN2B
23.9
19.8
3 x 7 5/8
2000
520C202T450CC2B
49.8
9.9
2 1/2 x 4 1/8
5600
520C562T500DG2B
19.7
22.2
3 x 8 5/8
2400
520C242T450CD2B
42.3
11.1
2 1/2 x 4 5/8
6700
520C672T500FN2D
17.3
25.4
3 1/2 x 7 5/8
Additional Smaller Sizes available at www.cde.com/catalogs/520C.pdf


Similar Part No. - 520C163T250DN2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C163T250DN2B CDE-520C163T250DN2B Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
520C163T250DN2B CDE-520C163T250DN2B Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C163T250DN2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com