Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38FD3770A-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 38FD3770A-F
Description  AC Motor Run Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

38FD3770A-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  38FD3770A-F Datasheet HTML 1Page - Cornell Dubilier Electronics 38FD3770A-F Datasheet HTML 2Page - Cornell Dubilier Electronics 38FD3770A-F Datasheet HTML 3Page - Cornell Dubilier Electronics 38FD3770A-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type MPF, AC Motor Run Capacitors
Oval and Round, Oil Filled, 70 ºC, Metallized Polypropylene Capacitors
Type MPF AC metallized polypropylene film dielectric capacitors
offer a reliable option for alternating current applications. All
devices are oil filled in metal cases with 4-prong quick disconnect
terminals for easy assembly.
These capacitors pack high
capacitance and voltage capabilities into a small, light-weight
package. The MPF is internally protected for fail-safe operation.
These capacitors have extremely low DF that is ideal for AC motor-
run applications.
Highlights
- Low DF
- Potected with a pressure sensitive interrupter
- Small size and light weight
- UL E71645
- CSA 219950
- Air conditioning and refrigeration applications
- Power factor correction
- Motors
Specifications
Capacitance Range
1 µF to 80 µF
Capacitance Tolerance
± 10%
Rated Voltage
330 Vac, 370 Vac and 440 Vac
Operating Temperature Range with Ripple
–40 ºC to +70 ºC
Rated Frequency
50 Hz and 60 Hz
Dissipation Factor
0.1% max @ 60 Hz
RoHS Compliant
Dimensions
Construction Details
Case Material
Aluminum or Tin Plated Steel
Encapsulation
Enviromentally Safe Dielectric Fluid
Terminal Material
Tin Plated Steel
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Oval Case Style
Round Case Style
Oval
Style
A
B
D
Industry Type
32
1 5/16"
2 5/32"
13/16"
1¼" Flat Oval
37
1 29/32"
2 29/32"
13/16"
1¾" Flat Oval
38
1 31/32"
3 21/32"
13/16"
2.0" Flat Oval
Round
Style
A
B
D
Industry Type
21
1¾"
1⅞"
13/16"
1¾" Round
23
2.0"
2⅛"
13/16"
2.0" Round
24
2½"
2⅝"
13/16"
2½" Round
D
B
±.030”
A ±.030”
H ±.250”
Style 32, 37,38
.
5”
See Ratings Table for “H” dimension
B
±.030”
Style 21, 23, 24
H ±.250”
A
±.030”
D
.
5”
See Ratings Table for “H” dimension
Click here to view hardware


Similar Part No. - 38FD3770A-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
38FD3770-F CDE-38FD3770-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
More results

Similar Description - 38FD3770A-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
104MABA05KG ILLINOISCAPACITOR-104MABA05KG Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com