Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C115U6R3FD2D Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 500C115U6R3FD2D
Description  Long Life, High Capacitance Screw Terminal Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C115U6R3FD2D Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  500C115U6R3FD2D Datasheet HTML 1Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 2Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 3Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 4Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 5Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 6Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 7Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 8Page - Cornell Dubilier Electronics 500C115U6R3FD2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
Type 500C 95 °C Long Life, Screw Terminal, Aluminum
Long Life, High Capacitance Screw Terminal Type
Type Capacitance
Tolerance
Voltage
Case Code
Insulation
Terminal
Can Style
500C
492
T
200
CB
2
B
S
100 = 10 µF
101 = 100 µF
492 = 4900 µF
433= 43,000 µF
M = ±20%
U = –10%+75%
T = –10%+50%
6R3 = 6.3 Vdc
063 = 63 Vdc
200 = 200 Vdc
0= None
1= Polyester
2= PVC
A = Low Post
B = High Post
D = High Current,
Low Post
E = High Current,
High Post
F or M = M5 Post
G = M6 Low Post
H = M6 High Post
Blank=
Standard
Can
S= Stud
Bottom
P= Stud
with
Thermal
Pad
NOTE: With the stud-mount feature, a thermally-conduc-
tive disk can be inserted in the bottom flush with the
outer insulating sleeve.This reduces the thermal resistance
through the can bottom by 0.3 °C/W. Can Style P.
Case
Stud
P± 0.039”
Diam.
Thread
(±1.0 mm)
1.375
M8
0.470” (12.0)
1.750
M8
0.470” (12.0)
2.000
M12
0.630” (16.0)
2.500
M12
0.630” (16.0)
3.000
M12
0.630” (16.0)
3.500
M12
0.630” (16.0)
NOTE: Only high post and M5 post terminals are available at 550 Vdc as they meet the required creepage distance.
Stud Dimensions
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm
Thread
in
mm
in∙lb
N∙m
Low Post
1
to 3
A
0.314
8.0
0.094 2.4
10–32
0.218
5.5
25
2.82
High Post
1
to 3
B
0.314
8.0
0.281 7.1
10–32
0.375
9.5
25
2.82
High Current, Low
2½ to 3½
D
0.684
17.4
0.125 3.2
¼–28
0.344
8.7
50
5.65
High Current, High
2½ to 3½
E
0.684
17.4
0.281 7.1
¼–28
0.469
11.9
60
6.78
M5 Post, Small
1
to 2
M
0.314
8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M5 Post
2½ & 3
F
0.512
13.0
0.230 5.8
M5
0.344
8.7
25
2.82
M6 Low Post
2½ to 3½
G
0.684
17.4
0.125 3.2
M6
0.344
8.7
50
5.65
M6 High Post
2½ to 3½
H
0.684
17.4
0.281 7.1
M6
0.469
11.9
60
6.78
Standard insulation is 0.008-in PVC sleeve with
0.01-in polypropylene end disk.
Polyester insulation is not available for 3.5 inch
diameter units.
D
L
P
H +0-.062
(+0 -1.57)
Stud (Optional)
S
+


Similar Part No. - 500C115U6R3FD2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C115U6R3FD2D CDE-500C115U6R3FD2D Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
500C115U6R3FD2D CDE-500C115U6R3FD2D Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C115U6R3FD2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
United Chemi-Con, Inc.
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com