Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMC214U6R3BB2B Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # DCMC214U6R3BB2B
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC214U6R3BB2B Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button DCMC214U6R3BB2B Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 9Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 10Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 11Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 12Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 13Page - Cornell Dubilier Electronics DCMC214U6R3BB2B Datasheet HTML 14Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
18000 DCMC183T250DF2B
12.0
20.6
3 x 5 5/8
10000 DCMC103T300FC2D
21.0
15.3
3 1/2 x 4 1/8
18000 DCMC183T250FD2D
17.1
19.4
3 1/2 x 4 5/8
11000 DCMC113T300DF2B
18.0
16.8
3 x 5 5/8
19000 DCMC193T250DP2B
11.5
20.6
3 x 5 7/8
12000 DCMC123T300DP2B
17.0
19.5
3 x 5 7/8
21000 DCMC213T250FE2D
15.1
18.7
3 1/2 x 5 1/8
12000 DCMC123T300FD2D
18.2
16.4
3 1/2 x 4 5/8
23000 DCMC233T250FF2D
13.4
20.4
3 1/2 x 5 5/8
13000 DCMC133T300FE2D
16.0
18.1
3 1/2 x 5 1/8
24000 DCMC243T250FP2D
12.9
21.4
3 1/2 x 5 7/8
15000 DCMC153T300FF2D
14.3
19.8
3 1/2 x 5 5/8
27000 DCMC273T250DN2D
9.5
27.2
3 x 7 5/8
16000 DCMC163T300DN2B
13.2
21.8
3 x 7 5/8
30000 DCMC303T250DG2B
7.0
29.6
3 x 8 5/8
16000 DCMC163T300FP2D
13.5
20.9
3 1/2 x 5 7/8
33000 DCMC333T250FN2D
10.6
26.2
3 1/2 x 7 5/8
19000 DCMC193T300DG2B
10.8
23.7
3 x 8 5/8
38000 DCMC383T250FG2D
9.2
28.8
3 1/2 x 8 5/8
22000 DCMC223T300FN2D
11.0
25.9
3 1/2 x 7 5/8
300 Vdc (350 Vdc Surge)
26000 DCMC263T300FG2D
9.3
28.6
3 1/2 x 8 5/8
330
DCMC331T300AK2B
418.1
1.4
1 3/8 x 1 5/8
350 Vdc (400 Vdc Surge)
600
DCMC601T300AA2B
231.4
2.1
1 3/8 x 2 1/8
220
DCMC221T350AK2B
605.4
1.2
1 3/8 x 1 5/8
730
DCMC731T300AH2B
188.8
2.5
1 3/8 x 2 5/8
430
DCMC431T350AA2B
378.8
1.6
1 3/8 x 2 1/8
1000 DCMC102T300AB2B
137.5
3.1
1 3/8 x 3 1/8
510
DCMC511T350AH2B
253.0
2.1
1 3/8 x 2 5/8
1000 DCMC102T300EA2B
139.3
3.2
1 3/4 x 2 1/8
680
DCMC681T350AB2B
190.2
2.6
1 3/8 x 3 1/8
1200 DCMC122T300EH2B
117.2
3.7
1 3/4 x 2 5/8
760
DCMC761T350EA2B
176.6
2.9
1 3/4 x 2 1/8
1200 DCMC122T300BA2B
131.1
3.6
2 x 2 1/8
860
DCMC861T350AJ2B
152.5
3.2
1 3/8 x 3 5/8
1300 DCMC132T300AJ2B
106.8
4.2
1 3/8 x 3 5/8
920
DCMC921T350EH2B
161.7
3.3
1 3/4 x 2 5/8
1500 DCMC152T300AC2B
90.4
4.7
1 3/8 x 4 1/8
990
DCMC991T350BA2B
167.6
3.3
2 x 2 1/8
1500 DCMC152T300BH2B
102.6
3.6
2 x 2 5/8
1000 DCMC102T350AC2B
127.5
4.0
1 3/8 x 4 1/8
1700 DCMC172T300EB2B
84.5
4.3
1 3/4 x 3 1/8
1200 DCMC122T350AD2B
109.6
3.5
1 3/8 x 4 5/8
1800 DCMC182T300AD2B
77.4
4.7
1 3/8 x 4 5/8
1200 DCMC122T350EB2B
124.7
3.5
1 3/4 x 3 1/8
2100 DCMC212T300AE2B
65.7
5.4
1 3/8 x 5 1/8
1200 DCMC122T350BH2B
132.2
3.6
2 x 2 5/8
2100 DCMC212T300EJ2B
68.3
5.6
1 3/4 x 3 5/8
1300 DCMC132T350AE2B
97.2
4.5
1 3/8 x 5 1/8
2200 DCMC222T300BB2B
71.1
5.7
2 x 3 1/8
1500 DCMC152T350AF2B
85.9
5.0
1 3/8 x 5 5/8
2300 DCMC232T300AF2B
60.3
6.4
1 3/8 x 5 5/8
1500 DCMC152T350EJ2B
97.3
4.9
1 3/4 x 3 5/8
2600 DCMC262T300EC2B
56.7
6.8
1 3/4 x 4 1/8
1500 DCMC152T350BB2B
101.5
4.9
2 x 3 1/8
2600 DCMC262T300CH2B
60.5
5.1
2 1/2 x 2 5/8
1800 DCMC182T350EC2B
79.9
5.8
1 3/4 x 4 1/8
2800 DCMC282T300BJ2B
55.5
5.7
2 x 3 5/8
1900 DCMC192T350BJ2B
79.2
4.4
2 x 3 5/8
3000 DCMC302T300ED2B
48.5
6.5
1 3/4 x 4 5/8
2000 DCMC202T350CH2B
86.9
4.6
2 1/2 x 2 5/8
3300 DCMC332T300CB2B
46.5
7.0
2 1/2 x 3 1/8
2100 DCMC212T350ED2B
67.8
5.5
1 3/4 x 4 5/8
3400 DCMC342T300BC2B
45.7
7.4
2 x 4 1/8
2300 DCMC232T350BC2B
65.1
5.9
2 x 4 1/8
3500 DCMC352T300EE2B
42.5
8.0
1 3/4 x 5 1/8
2400 DCMC242T350EE2B
59.1
6.5
1 3/4 x 5 1/8
3900 DCMC392T300EF2B
37.9
8.7
1 3/4 x 5 5/8
2500 DCMC252T350CB2B
61.0
6.6
2 1/2 x 3 1/8
4000 DCMC402T300BD2B
38.9
8.9
2 x 4 5/8
2700 DCMC272T350EF2B
52.4
7.4
1 3/4 x 5 5/8
4200 DCMC422T300CJ2B
38.1
7.9
2 1/2 x 3 5/8
2700 DCMC272T350BD2B
55.4
7.5
2 x 4 5/8
4600 DCMC462T300BE2B
34.0
8.9
2 x 5 1/8
3100 DCMC312T350BE2B
48.7
7.0
2 x 5 1/8
4800 DCMC482T300DB2B
42.8
8.4
3 x 3 1/8
3100 DCMC312T350CJ2B
48.5
7.5
2 1/2 x 3 5/8
5200 DCMC522T300CC2B
29.9
10.4
2 1/2 x 4 1/8
3500 DCMC352T350BF2B
42.8
8.3
2 x 5 5/8
5300 DCMC532T300BF2B
30.2
10.8
2 x 5 5/8
3700 DCMC372T350CC2B
39.9
9.0
2 1/2 x 4 1/8
6000 DCMC602T300DJ2B
34.0
10.5
3 x 3 5/8
3800 DCMC382T350DB2B
54.0
8.1
3 x 3 1/8
6100 DCMC612T300CD2B
25.5
12.5
2 1/2 x 4 5/8
4200 DCMC422T350CD2B
34.0
10.5
2 1/2 x 4 5/8
7100 DCMC712T300CE2B
22.2
12.3
2 1/2 x 5 1/8
4600 DCMC462T350DJ2B
41.7
9.8
3 x 3 5/8
7400 DCMC742T300DC2B
26.2
11.9
3 x 4 1/8
4800 DCMC482T350CE2B
29.6
10.7
2 1/2 x 5 1/8
8000 DCMC802T300CF2B
19.8
14.3
2 1/2 x 5 5/8
5400 DCMC542T350CF2B
26.2
11.9
2 1/2 x 5 5/8
8700 DCMC872T300DD2B
23.6
13.6
3 x 4 5/8
5500 DCMC552T350DC2B
34.7
10.8
3 x 4 1/8
10000 DCMC103T300DE2B
20.5
15.1
3 x 5 1/8
6300 DCMC632T350DD2B
29.6
12.2
3 x 4 5/8


Similar Part No. - DCMC214U6R3BB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC214U6R3BB2B CDE-DCMC214U6R3BB2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC214U6R3BB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com