Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550C422T250DB2B Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 550C422T250DB2B
Description  Ultra-Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550C422T250DB2B Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  550C422T250DB2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550C422T250DB2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550C422T250DB2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550C422T250DB2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550C422T250DB2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550C422T250DB2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550C422T250DB2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Type 550C 105 °C High Ripple, Inverter Grade, Aluminum
Ultra-Ripple, Long Life Screw Terminal Type
ESR MAX. Ripple Current Max
ESR MAX. Ripple Current Max
@ 25ºC
@85ºC @ 105ºC
CASE SIZE
@ 25ºC
@85ºC @ 105ºC
CASE SIZE
MFD
CATALOG NO.
120 Hz
120 Hz
120 Hz DIA X LENGTH
MFD
CATALOG NO.
120 Hz
120 Hz
120 Hz DIA X LENGTH
(mOhms)
(A)
(A)
(mOhms)
(A)
(A)
200 VDC
250 VDC
2800 550C282T200CH2B
45.4
10.5
3.8
2 1/2 X 2 5/8
15000 550C153T250DN2D
10.9
34.4
12.4
3 X 7 5/8
4000
550C402T200CB2B
32.6
13.2
4.7
2 1/2 X 3 1/8
15000 550C153T250FF2D
12.8
31.2
11.2
3 1/2 X 5 5/8
5100
550C512T200CJ2B
25.5
15.6
5.6
2 1/2 X 3 5/8
16000 550C163T250FP2D
12.2
32.3
11.6
3 1/2 X 5 7/8
6200
550C622T200CC2B
20.6
18.1
6.5
2 1/2 X 4 1/8
17000 550C173T250DG2D
9.2
38.3
13.8
3 X 8 5/8
7300 550C732T200CD2B
17.6
20.3
7.3
2 1/2 X 4 5/8
22000 550C223T250FN2D
9.9
39.5
14.2
3 1/2 X 7 5/8
7300
550C732T200DJ2B
21.2
19.1
6.9
3 X 3 5/8
25000 550C253T250FG2D
8.4
43.7
15.7
3 1/2 X 8 5/8
8500
550C852T200CE2B
15.5
22.5
8.1
2 1/2 X 5 1/8
300 VDC
9000 550C902T200DC2B
17.6
21.9
7.9
3 X 4 1/8
1600
550C162T300CH2B
90.7
7.4
2.7
2 1/2 X 2 5/8
9600
550C962T200CF2B
13.8
24.5
8.8
2 1/2 X 5 5/8
2200
550C222T300CB2B
65.1
9.3
3.4
2 1/2 X 3 1/8
11000 550C113T200DD2B
15.1
24.5
8.8
3 X 4 5/8
2800
550C282T300CJ2B
50.8
11.1
4.0
2 1/2 X 3 5/8
12000 550C123T200DE2B
13.3
27.0
9.7
3 X 5 1/8
3400
550C342T300DB2B
43.7
12.7
4.6
3 X 3 1/8
13000 550C133T200FC2D
18.0
23.8
8.6
3 1/2 X 4 1/8
3500
550C352T300CC2B
41.6
12.8
4.6
2 1/2 X 4 1/8
14000 550C143T200DF2B
11.9
29.4
10.6
3 X 5 5/8
4100
550C412T300CD2B
35.5
14.4
5.2
2 1/2 X 4 5/8
15000 550C153T200DP2D
11.4
30.6
11.0
3 X 5 7/8
4400
550C442T300DJ2B
34.2
15.1
5.4
3 X 3 5/8
16000 550C163T200FD2D
15.3
26.8
9.6
3 1/2 X 4 5/8
4700
550C472T300CE2B
31.0
15.9
5.7
2 1/2 X 5 1/8
18000 550C183T200FE2D
13.6
29.4
10.6
3 1/2 X 5 1/8
5300
550C532T300CF2B
27.1
17.5
6.3
2 1/2 X 5 5/8
20000 550C203T200FF2D
12.2
31.9
11.5
3 1/2 X 5 5/8
5400
550C542T300DC2B
28.3
17.3
6.2
3 X 4 1/8
21000 550C213T200DN2D
9.5
36.8
13.2
3 X 7 5/8
6400
550C642T300DD2B
24.1
19.4
7.0
3 X 4 5/8
22000 550C223T200FP2D
11.6
33.2
11.9
3 1/2 X 5 7/8
7200
550C722T300FC2D
21.8
21.7
7.8
3 1/2 X 4 1/8
24000 550C243T200DG2D
8.2
40.4
14.6
3 X 8 5/8
7400
550C742T300DE2B
21.1
21.5
7.7
3 X 5 1/8
30000 550C303T200FN2D
9.3
40.6
14.6
3 1/2 X 7 5/8
8300
550C832T300DF2B
18.8
23.4
8.4
3 X 5 5/8
35000 550C353T200FG2D
7.9
44.9
16.2
3 1/2 X 8 5/8
8600
550C862T300FD2D
18.6
24.3
8.8
3 1/2 X 4 5/8
250 VDC
8800
550C882T300DP2B
17.9
24.3
8.8
3 X 5 7/8
2100 550C212T250CH2B
58.6
9.3
3.3
2 1/2 X 2 5/8
9900
550C993T300FE2D
16.2
26.8
9.7
3 1/2 X 5 1/8
4200 550C422T250DB2B
33.5
14.5
5.2
2 1/2 X 3 1/8
11000 550C113T300FF2D
14.0
29.6
10.7
3 1/2 X 5 5/8
4600
550C462T250CC2B
27.1
15.8
5.7
2 1/2 X 4 1/8
12000 550C123T300FP2D
13.3
30.8
11.1
3 1/2 X 5 7/8
5400 550C542T250CD2B
23.1
17.8
6.4
2 1/2 X 4 5/8
12000 550C123T300DN2B
14.4
30.0
10.8
3 X 7 5/8
5400
550C542T250DJ2B
25.9
17.3
6.2
3 X 3 5/8
14000 550C143T300DG2D
12.2
33.3
12.0
3 X 8 5/8
6200
550C622T250CE2B
19.8
19.9
7.2
2 1/2 X 5 1/8
16000 550C163T300FN2D
10.7
38.1
13.7
3 1/2 X 7 5/8
6600 550C662T250DC2B
21.5
19.9
7.1
3 X 4 1/8
18000 550C183T300FG2D
8.9
42.3
15.2
3 1/2 X 8 5/8
7100
550C712T250CF2B
17.6
21.7
7.8
2 1/2 X 5 5/8
350 VDC
7800 550C782T250DD2B
18.3
22.3
8.0
3 X 4 5/8
1300
550C132T350CH2B
100.6
7.1
2.5
2 1/2 X 2 5/8
9000
550C902T250DE2B
16.1
24.6
8.9
3 X 5 1/8
1800
550C182T350CB2B
72.0
8.8
3.2
2 1/2 X 3 1/8
9700
550C973T250FC2D
19.1
23.1
8.3
3 1/2 X 4 1/8
2300
550C232T350CJ2B
56.3
10.5
3.8
2 1/2 X 3 5/8
10000 550C103T250DF2B
14.4
26.8
9.6
3 X 5 5/8
2800
550C282T350CC2B
46.4
12.1
4.4
2 1/2 X 4 1/8
11000 550C113T250DP2B
13.2
28.2
10.2
3 X 5 7/8
2800
550C282T350DB2B
47.8
12.2
4.4
3 X 3 1/8
11000 550C113T250FD2D
16.6
25.8
9.3
3 1/2 X 4 5/8
3300
550C332T350CD2B
39.4
13.6
4.9
2 1/2 X 4 5/8
13000 550C133T250FE2D
14.5
28.4
10.2
3 1/2 X 5 1/8
3600
550C362T350DJ2B
37.4
14.5
5.2
3 X 3 5/8


Similar Part No. - 550C422T250DB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C422T250DB2B CDE-550C422T250DB2B Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550C422T250DB2B CDE-550C422T250DB2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results

Similar Description - 550C422T250DB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com