Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500R183M350FG2E Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 500R183M350FG2E
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R183M350FG2E Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  500R183M350FG2E Datasheet HTML 1Page - Cornell Dubilier Electronics 500R183M350FG2E Datasheet HTML 2Page - Cornell Dubilier Electronics 500R183M350FG2E Datasheet HTML 3Page - Cornell Dubilier Electronics 500R183M350FG2E Datasheet HTML 4Page - Cornell Dubilier Electronics 500R183M350FG2E Datasheet HTML 5Page - Cornell Dubilier Electronics 500R183M350FG2E Datasheet HTML 6Page - Cornell Dubilier Electronics 500R183M350FG2E Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
The Type 500R is a higher ripple-current version of CDE’s long-life Type
500C specifically designed to provide the ripple current capability
and long life required for high reliability inverter applications.  Like
the 500C, the 500R has an endurance rating of 5,000 hours at +85 °C
with the rated ripple current applied, and it is offered in the 350 V to
500 V ratings appropriate for  use as dc-link bus capacitors in inverter
applications.
Specifications
Temperature Range
–40 °C to +85 °C
Rated Voltage Range
350 Vdc to 500 Vdc
Capacitance Range
1,100 uF to 18,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤3 √CV µA,5 mA max, 5 minutes
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 3 (350–500 Vdc)
Endurance Life Test
5000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 85 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axes
RoHS Compliant
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
2 & 2½" diameters
350 V
0.78 0.83
1.00
1.20
1.29
1.34
1.35
400–500 V
0.77 0.82
1.00
1.22
1.33
1.39
1.40
3 & 3½" diameters
350 V
0.84 0.88
1.00
1.12
1.17
1.20
1.20
400–500 V
0.79 0.84
1.00
1.18
1.26
1.31
1.32
45 °C 55 °C 65 °C 75 °C 85 °C
2.00 1.82
1.59
1.33 1.00
Ambient Temperature
Highlights
- Large can sizes
- Screw terminals, english and metric
- 5000 hour rated ripple current life
- Higher ripple current than 500C
- 350 to 500 Vdc ratings
- RoHS compliant
click here to see hardware and mounting options


Similar Part No. - 500R183M350FG2E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
500R18N100BV4E JOHANSON-500R18N100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
500R18N100BV6E JOHANSON-500R18N100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
500R18N100CV4E JOHANSON-500R18N100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
500R18N100CV6E JOHANSON-500R18N100CV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
500R18N100DV4E JOHANSON-500R18N100DV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 500R183M350FG2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R CDE-500R_17 Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
logo
Panasonic Semiconductor
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com