Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3191BB123M020BPA1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 3191BB123M020BPA1
Description  Screw Terminal Capacitors for Power Output Filtering
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3191BB123M020BPA1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  3191BB123M020BPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3191BB123M020BPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3191BB123M020BPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3191BB123M020BPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3191BB123M020BPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 3191, Aluminum Electrolytic Screw Terminal
Screw Terminal Capacitors for Power Output Filtering
Case Dimensions, Uninsulated Bare Can
Case
Code
Diameter (D)
Length (L)
Pitch (P)
Plug (A)
Typical
Optional
Bracket
Part No.
±0.031
(Inches)
±0.79
(mm)
±0.062
(Inches)
±1.157
(mm)
±0.014
(Inches)
±0.356
(mm)
A
(Inches)
A
(mm)
Weight
(oz)
Weight
(g)
BA
1.375
34.9
2.125
54.0
0.500
12.7
0.390
9.9
2.53
72
115058-06
BB
1.375
34.9
2.625
66.7
0.500
12.7
0.390
9.9
3.17
90
115058-06
BC
1.375
34.9
3.125
79.4
0.500
12.7
0.390
9.9
3.70
105
115058-06
BD
1.375
34.9
3.625
92.1
0.500
12.7
0.390
9.9
4.22
120
115058-06
BE
1.375
34.9
4.125
104.8
0.500
12.7
0.390
9.9
4.75
135
115058-06
BF
1.375
34.9
4.625
117.5
0.500
12.7
0.390
9.9
5.98
170
115058-06
BG
1.375
34.9
5.125
130.2
0.500
12.7
0.390
9.9
7.74
220
115058-06
BH
1.375
34.9
5.625
142.9
0.500
12.7
0.390
9.9
9.50
270
115058-06
DA
1.75
44.5
2.125
54.0
0.750
19.1
0.453
11.5
5.63
160
115058-15
DB
1.75
44.5
2.625
66.7
0.750
19.1
0.453
11.5
6.16
175
115058-15
DC
1.75
44.5
3.125
79.4
0.750
19.1
0.453
11.5
6.34
180
115058-15
DD
1.75
44.5
3.625
92.1
0.750
19.1
0.453
11.5
7.22
205
115058-15
DE
1.75
44.5
4.125
104.8
0.750
19.1
0.453
11.5
7.74
220
115058-15
DF
1.75
44.5
4.625
117.5
0.750
19.1
0.453
11.5
8.27
235
115058-15
DG
1.75
44.5
5.125
130.2
0.750
19.1
0.453
11.5
8.80
250
115058-15
DH
1.75
44.5
5.625
142.9
0.750
19.1
0.453
11.5
9.50
270
115058-15
EA
2
50.8
2.125
54.0
0.875
22.2
0.500
12.7
5.98
170
115058-09
EB
2
50.8
2.625
66.7
0.875
22.2
0.500
12.7
6.34
180
115058-09
EC
2
50.8
3.125
79.4
0.875
22.2
0.500
12.7
6.69
190
115058-09
ED
2
50.8
3.625
92.1
0.875
22.2
0.500
12.7
7.74
220
115058-09
EE
2
50.8
4.125
104.8
0.875
22.2
0.500
12.7
8.98
255
115058-09
EF
2
50.8
4.625
117.5
0.875
22.2
0.500
12.7
10.21
290
115058-09
EG
2
50.8
5.125
130.2
0.875
22.2
0.500
12.7
11.26
320
115058-09
EH
2
50.8
5.625
142.9
0.875
22.2
0.500
12.7
8.80
250
115058-09
FB
2.5
63.5
2.625
66.7
1.125
28.6
0.625
15.9
10.56
300
115058-14
FC
2.5
63.5
3.125
79.4
1.125
28.6
0.625
15.9
13.02
370
115058-14
FD
2.5
63.5
3.625
92.1
1.125
28.6
0.625
15.9
14.08
400
115058-14
FE
2.5
63.5
4.125
104.8
1.125
28.6
0.625
15.9
15.66
445
115058-14
FF
2.5
63.5
4.625
117.5
1.125
28.6
0.625
15.9
21.12
600
115058-14
FG
2.5
63.5
5.125
130.2
1.125
28.6
0.625
15.9
22.88
650
115058-14
FH
2.5
63.5
5.625
142.9
1.125
28.6
0.625
15.9
21.12
600
115058-14
GC
3
76.2
3.125
79.4
1.250
31.8
0.750
19.1
18.30
520
115058-11
GD
3
76.2
3.625
92.1
1.250
31.8
0.750
19.1
20.06
570
115058-11
GE
3
76.2
4.125
104.8
1.250
31.8
0.750
19.1
21.12
600
115058-11
GF
3
76.2
4.625
117.5
1.250
31.8
0.750
19.1
25.34
720
115058-11
GG
3
76.2
5.125
130.2
1.250
31.8
0.750
19.1
29.92
850
115058-11
GH
3
76.2
5.625
142.9
1.250
31.8
0.750
19.1
34.14
970
115058-11
GJ
3
76.2
5.825
148.0
1.250
31.8
0.750
19.1
36.96
1050
115058-11
GN
3
76.2
8.625
219.1
1.250
31.8
0.750
19.1
51.39
1460
115058-11


Similar Part No. - 3191BB123M020BPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191BB123M020BPA1 CDE-3191BB123M020BPA1 Datasheet
362Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3191BB123M020BPA1 CDE-3191BB123M020BPA1 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
More results

Similar Description - 3191BB123M020BPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191 CDE-3191_17 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
3199BA393M7P5APA1 CDE-3199BA393M7P5APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
logo
Vishay Siliconix
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com