Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520C343T200FN2D Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 520C343T200FN2D
Description  High Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C343T200FN2D Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  520C343T200FN2D Datasheet HTML 1Page - Cornell Dubilier Electronics 520C343T200FN2D Datasheet HTML 2Page - Cornell Dubilier Electronics 520C343T200FN2D Datasheet HTML 3Page - Cornell Dubilier Electronics 520C343T200FN2D Datasheet HTML 4Page - Cornell Dubilier Electronics 520C343T200FN2D Datasheet HTML 5Page - Cornell Dubilier Electronics 520C343T200FN2D Datasheet HTML 6Page - Cornell Dubilier Electronics 520C343T200FN2D Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 520C 85 °C Long Life, Inverter Grade, Aluminum
High Ripple, Long Life Screw Terminal Type
0.01
0.1
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
Impedance vs Frequency and Temperature 3600 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
Frequency (Hz)
ESR vs Frequency and Temperature 3600 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Capacitance vs Frequency and Temperature 3600 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
0.8
1
1.2
1.4
1.6
1.8
2
0
2000
4000
6000
8000
10000
12000
Time (hours)
Ripple Life Test, 4700 ºF 400 Vdc (60 ºC, 360 V, 34 A @400 Hz)
Capacitance
ESR 25 ºC
ESR 85 ºC
1
10
100
1000
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Rated Ripple-Current Multiple
Type 520C Operating Life in Kilohours vs Ripple Current
45⁰C
55⁰C
65⁰C
75⁰C
85⁰C
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-CurrentMultiple
Type 520C Operating Life in Kilohours vs Ripple Current
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC


Similar Part No. - 520C343T200FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C343T200FN2D CDE-520C343T200FN2D Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
520C343T200FN2D CDE-520C343T200FN2D Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C343T200FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com