Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFCST24C3S572T Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # PFCST24C3S572T
Description  3-Phase AC Power Factor Correction Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

PFCST24C3S572T Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  PFCST24C3S572T Datasheet HTML 1Page - Cornell Dubilier Electronics PFCST24C3S572T Datasheet HTML 2Page - Cornell Dubilier Electronics PFCST24C3S572T Datasheet HTML 3Page - Cornell Dubilier Electronics PFCST24C3S572T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type PFCS, 3-Phase AC Power Factor Correction Capacitors
Type PFCS 3-phase series capacitors are designed for power factor
correction in automatic PFC controllers. Each PFCS capacitor is
made with three self-healing metallized polypropylene windings,
connected in delta, enclosed in a cylindrical aluminum case and
filled with an environmentally friendly fluid.
Specifications
Capacitance Tolerance
0 to +10%
Rated Frequency (f
R)
50 Hz and 60 Hz
Rated AC Voltages (V
R)
240 Vac, 480 Vac, 600 Vac
Operating Temperature Range
–40 ºC to +55 ºC
kvar Range
0.5 kvar to 30.2 kvar
Maximum Permissible Voltage (Vmax)
110% of rated rms voltage
120% of rated peak voltage (1.2 x √2x Vrms)
Internal Connection
Delta (∆)
Maximum Permissible Current (Imax)
135% of nominal rms current based on rated kvar and rated voltage - (up
to 150% of l
R including combined effects of harmonics, over voltages and
capacitances, tolerance)
Life
60,000 h w/94% survival rate
International Standards
Meets IEEE18, Standard (ANSI/IEEE Standard 18)
FIT (Failure In Time)
≤300 X 109 component h
Maximum Short Circuit Current
10 kA (according to UL 810)
Mechanical and Electrical Safety
Pressure Interrupter (PI) disengages all 3 phases in the event of capacitor
end of life or overload
Discharge Resistor Time
≤ 60 seconds ≤ 50 V for 600 V or less; over 600 V ≤ 5 minutes
RoHS Compliant
Dimensions
Figure 1
Figure 2
Highlights
- For 3-phase AC Power Factor Correction
- Delta connected
- Discharge resistors included
- UL810 approved internal pressure interrupter
Construction Details
Case Material
Extruded aluminum with
steel or aluminum cover
Encapsulation
Environmentally safe
dielectric fluid
Terminal Material
Tin plated copper, brass
or steel
Max torque 88.5 in-lbs.
Max torque 88.5 in-lbs.


Similar Part No. - PFCST24C3S572T

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Riedon Powertron
PFC RIEDON-PFC Datasheet
291Kb / 3P
   Thick Film Power SMD Resistors
logo
TT Electronics.
PFC TTELEC-PFC Datasheet
714Kb / 3P
   MIL screening available
logo
RSG Electronic Componen...
PFC-1000 RSG-PFC-1000 Datasheet
272Kb / 6P
   450W/650W/1000W Modular Power
logo
Mean Well Enterprises C...
PFC-1000 MEANWELL-PFC-1000 Datasheet
344Kb / 6P
   450W/650W/1000W Modular Power
More results

Similar Description - PFCST24C3S572T

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C EPCOS-B32340C Datasheet
137Kb / 6P
   Power Capacitors Power Factor Correction
B32343C4011A540 EPCOS-B32343C4011A540 Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
B32343 EPCOS-B32343 Datasheet
108Kb / 7P
   Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
B25673A4201A000 EPCOS-B25673A4201A000 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction
B25671A4237A365 EPCOS-B25671A4237A365_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A5012A020 EPCOS-B25671A5012A020 Datasheet
139Kb / 8P
   Film Capacitors - Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175_08 Datasheet
344Kb / 8P
   Film capacitors - Power Factor Correction
B25671A3207A375 EPCOS-B25671A3207A375 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4002A500 EPCOS-B25671A4002A500 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4012A040 EPCOS-B25671A4012A040 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com