Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMC154U6R3BH2B Datasheet(PDF) 11 Page - Cornell Dubilier Electronics

Part # DCMC154U6R3BH2B
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC154U6R3BH2B Datasheet(HTML) 11 Page - Cornell Dubilier Electronics

Back Button DCMC154U6R3BH2B Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 9Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 10Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 11Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 12Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 13Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 14Page - Cornell Dubilier Electronics DCMC154U6R3BH2B Datasheet HTML 15Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
7200 DCMC722T350DE2B
25.8
13.4
3 x 5 1/8
5300 DCMC532T400DD2B
31.5
11.8
3 x 4 5/8
7700 DCMC772T350FC2D
29.9
12.8
3 1/2 x 4 1/8
6000 DCMC602T400DE2B
27.4
13.0
3 x 5 1/8
8200 DCMC822T350DF2B
22.9
14.9
3 x 5 5/8
6400 DCMC642T400FC2D
31.9
12.4
3 1/2 x 4 1/8
8400 DCMC842T350DP2B
21.7
17.2
3 x 5 7/8
6800 DCMC682T400DF2B
24.4
14.4
3 x 5 5/8
8800 DCMC882T350FD2D
25.7
13.8
3 1/2 x 4 5/8
7100 DCMC712T400DP2B
23.1
16.7
3 x 5 7/8
10000 DCMC103T350FE2D
22.5
15.3
3 1/2 x 5 1/8
7400 DCMC742T400FD2D
27.4
13.4
3 1/2 x 4 5/8
11000 DCMC113T350DN2B
17.1
19.1
3 x 7 5/8
8400 DCMC842T400FE2D
23.9
14.8
3 1/2 x 5 1/8
11000 DCMC113T350FF2D
20.0
16.7
3 1/2 x 5 5/8
9400 DCMC942T400FF2D
21.2
16.2
3 1/2 x 5 5/8
12000 DCMC123T350FP2D
18.9
17.7
3 1/2 x 5 7/8
9600 DCMC962T400DN2B
18.2
18.6
3 x 7 5/8
13000 DCMC133T350DG2B
14.2
20.7
3 x 8 5/8
9900 DCMC992T400FP2D
20.1
17.2
3 1/2 x 5 7/8
16000 DCMC163T350FN2D
14.9
22.3
3 1/2 x 7 5/8
11000 DCMC113T400DG2B
15.1
20.1
3 x 8 5/8
18000 DCMC183T350FG2D
12.4
24.8
3 1/2 x 8 5/8
13000 DCMC133T400FN2D
15.8
21.7
3 1/2 x 7 5/8
400 Vdc (450 Vdc Surge)
15000 DCMC153T400FG2D
13.1
24.1
3 1/2 x 8 5/8
180
DCMC181T400AK2B
652.4
1.1
1 3/8 x 1 5/8
450 Vdc (500 Vdc Surge)
350
DCMC351T400AA2B
408.2
1.6
1 3/8 x 2 1/8
150
DCMC151T450AK2B
796.7
1.0
1 3/8 x 1 5/8
420
DCMC421T400AH2B
272.6
2.1
1 3/8 x 2 5/8
270
DCMC271T450AA2B
437.7
1.5
1 3/8 x 2 1/8
570
DCMC571T400AB2B
204.8
2.5
1 3/8 x 3 1/8
350
DCMC351T450AH2B
337.1
1.8
1 3/8 x 2 5/8
630
DCMC631T400EA2B
189.5
2.8
1 3/4 x 2 1/8
460
DCMC461T450EA2B
264.2
2.2
1 3/4 x 2 1/8
710
DCMC711T400AJ2B
164.3
3.1
1 3/8 x 3 5/8
470
DCMC471T450AB2B
253.2
2.4
1 3/8 x 3 1/8
760
DCMC761T400EH2B
173.7
3.2
1 3/4 x 2 5/8
560
DCMC561T450AJ2B
203.0
2.8
1 3/8 x 3 5/8
820
DCMC821T400BA2B
179.3
3.2
2 x 2 1/8
570
DCMC571T450EH2B
213.1
2.9
1 3/4 x 2 5/8
850
DCMC851T400AC2B
137.3
3.8
1 3/8 x 4 1/8
590
DCMC591T450BA2B
228.4
2.9
2 x 2 1/8
1000 DCMC102T400AD2B
118.0
3.4
1 3/8 x 4 5/8
680
DCMC681T450AC2B
169.5
3.4
1 3/8 x 4 1/8
1000 DCMC102T400EB2B
134.0
3.4
1 3/4 x 3 1/8
740
DCMC741T450EB2B
164.5
2.8
1 3/4 x 3 1/8
1000 DCMC102T400BH2B
141.7
3.5
2 x 2 5/8
780
DCMC781T450BH2B
178.0
2.9
2 x 2 5/8
1100 DCMC112T400AE2B
104.6
4.3
1 3/8 x 5 1/8
820
DCMC821T450AD2B
145.6
3.5
1 3/8 x 4 5/8
1200 DCMC122T400AF2B
92.4
4.8
1 3/8 x 5 5/8
920
DCMC921T450EJ2B
130.9
3.8
1 3/4 x 3 5/8
1200 DCMC122T400EJ2B
106.6
4.6
1 3/4 x 3 5/8
930
DCMC931T450AE2B
127.7
4.1
1 3/8 x 5 1/8
1300 DCMC132T400BB2B
108.9
4.8
2 x 3 1/8
1000 DCMC102T450AF2B
113.9
4.5
1 3/8 x 5 5/8
1500 DCMC152T400EC2B
85.8
5.6
1 3/4 x 4 1/8
1000 DCMC102T450BB2B
137.0
4.3
2 x 3 1/8
1600 DCMC162T400BJ2B
85.0
4.3
2 x 3 5/8
1100 DCMC112T450EC2B
107.4
5.0
1 3/4 x 4 1/8
1700 DCMC172T400ED2B
74.3
4.9
1 3/4 x 4 5/8
1200 DCMC122T450BJ2B
109.0
3.8
2 x 3 5/8
1700 DCMC172T400CH2B
93.1
4.7
2 1/2 x 2 5/8
1200 DCMC122T450CH2B
115.8
4.0
2 1/2 x 2 5/8
1900 DCMC192T400BC2B
69.8
5.7
2 x 4 1/8
1300 DCMC132T450ED2B
91.1
4.7
1 3/4 x 4 5/8
2000 DCMC202T400EE2B
63.4
6.3
1 3/4 x 5 1/8
1500 DCMC152T450EE2B
79.2
5.4
1 3/4 x 5 1/8
2100 DCMC212T400CB2B
65.3
6.4
2 1/2 x 3 1/8
1500 DCMC152T450BC2B
89.5
5.3
2 x 4 1/8
2200 DCMC222T400EF2B
57.3
7.1
1 3/4 x 5 5/8
1700 DCMC172T450EF2B
70.2
6.2
1 3/4 x 5 5/8
2300 DCMC232T400BD2B
59.3
7.2
2 x 4 5/8
1700 DCMC172T450CB2B
81.1
6.0
2 1/2 x 3 1/8
2600 DCMC262T400BE2B
52.2
6.8
2 x 5 1/8
1800 DCMC182T450BD2B
76.0
6.4
2 x 4 5/8
2600 DCMC262T400CJ2B
52.0
7.2
2 1/2 x 3 5/8
1900 DCMC192T450BE2B
66.8
6.0
2 x 5 1/8
2900 DCMC292T400BF2B
45.9
8.1
2 x 5 5/8
2000 DCMC202T450CJ2B
66.5
6.4
2 1/2 x 3 5/8
3100 DCMC312T400CC2B
42.8
8.7
2 1/2 x 4 1/8
2200 DCMC222T450BF2B
58.6
7.1
2 x 5 5/8
3200 DCMC322T400DB2B
57.5
7.8
3 x 3 1/8
2400 DCMC242T450CC2B
54.7
7.7
2 1/2 x 4 1/8
3900 DCMC392T400CD2B
35.6
10.3
2 1/2 x 4 5/8
2500 DCMC252T450DB2B
65.7
7.3
3 x 3 1/8
3900 DCMC392T400DJ2B
44.9
9.4
3 x 3 5/8
2800 DCMC282T450CD2B
46.4
9.0
2 1/2 x 4 5/8
4000 DCMC402T400CE2B
31.7
10.3
2 1/2 x 5 1/8
3000 DCMC302T450DJ2B
52.2
8.7
3 x 3 5/8
4700 DCMC472T400CF2B
28.1
11.5
2 1/2 x 5 5/8
3300 DCMC332T450CE2B
40.4
9.2
2 1/2 x 5 1/8
4700 DCMC472T400DC2B
37.0
10.5
3 x 4 1/8
3900 DCMC392T450CF2B
35.4
10.3
2 1/2 x 5 5/8


Similar Part No. - DCMC154U6R3BH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC154U6R3BH2B CDE-DCMC154U6R3BH2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC154U6R3BH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com