Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3188BC223U025APA1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 3188BC223U025APA1
Description  85 째C Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3188BC223U025APA1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  3188BC223U025APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3188BC223U025APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3188BC223U025APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3188BC223U025APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3188BC223U025APA1 Datasheet HTML 5Page - Cornell Dubilier Electronics 3188BC223U025APA1 Datasheet HTML 6Page - Cornell Dubilier Electronics 3188BC223U025APA1 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Case Dimensions, Uninsulated Bare Can
Type 3188 85 °C Best Value, Screw Terminal, Aluminum
85 °C Long Life Screw Terminal Type
Case
Code
Diameter (D)
Length (L)
Pitch (P)
Plug (A)
Typical
Optional
Bracket
Part No.
±0.031
(Inches)
±0.79
(mm)
±0.062
(Inches)
±1.157
(mm)
±0.014
(Inches)
±0.356
(mm)
A
(Inches)
A
(mm)
Weight
(oz)
Weight
(g)
BA
1.375
34.9
2.125
54.0
0.500
12.7
0.390
9.9
2.53
72
115058-06
BB
1.375
34.9
2.625
66.7
0.500
12.7
0.390
9.9
3.17
90
115058-06
BC
1.375
34.9
3.125
79.4
0.500
12.7
0.390
9.9
3.70
105
115058-06
BD
1.375
34.9
3.625
92.1
0.500
12.7
0.390
9.9
4.22
120
115058-06
BE
1.375
34.9
4.125
104.8
0.500
12.7
0.390
9.9
4.75
135
115058-06
BF
1.375
34.9
4.625
117.5
0.500
12.7
0.390
9.9
5.98
170
115058-06
BG
1.375
34.9
5.125
130.2
0.500
12.7
0.390
9.9
7.74
220
115058-06
BH
1.375
34.9
5.625
142.9
0.500
12.7
0.390
9.9
9.50
270
115058-06
DA
1.75
44.5
2.125
54.0
0.750
19.1
0.453
11.5
5.63
160
115058-15
DB
1.75
44.5
2.625
66.7
0.750
19.1
0.453
11.5
6.16
175
115058-15
DC
1.75
44.5
3.125
79.4
0.750
19.1
0.453
11.5
6.34
180
115058-15
DD
1.75
44.5
3.625
92.1
0.750
19.1
0.453
11.5
7.22
205
115058-15
DE
1.75
44.5
4.125
104.8
0.750
19.1
0.453
11.5
7.74
220
115058-15
DF
1.75
44.5
4.625
117.5
0.750
19.1
0.453
11.5
8.27
235
115058-15
DG
1.75
44.5
5.125
130.2
0.750
19.1
0.453
11.5
8.80
250
115058-15
DH
1.75
44.5
5.625
142.9
0.750
19.1
0.453
11.5
9.50
270
115058-15
EA
2
50.8
2.125
54.0
0.875
22.2
0.500
12.7
5.98
170
115058-09
EB
2
50.8
2.625
66.7
0.875
22.2
0.500
12.7
6.34
180
115058-09
EC
2
50.8
3.125
79.4
0.875
22.2
0.500
12.7
6.69
190
115058-09
ED
2
50.8
3.625
92.1
0.875
22.2
0.500
12.7
7.74
220
115058-09
EE
2
50.8
4.125
104.8
0.875
22.2
0.500
12.7
8.98
255
115058-09
EF
2
50.8
4.625
117.5
0.875
22.2
0.500
12.7
10.21
290
115058-09
EG
2
50.8
5.125
130.2
0.875
22.2
0.500
12.7
11.26
320
115058-09
EH
2
50.8
5.625
142.9
0.875
22.2
0.500
12.7
8.80
250
115058-09
FB
2.5
63.5
2.625
66.7
1.125
28.6
0.625
15.9
10.56
300
115058-14
FC
2.5
63.5
3.125
79.4
1.125
28.6
0.625
15.9
13.02
370
115058-14
FD
2.5
63.5
3.625
92.1
1.125
28.6
0.625
15.9
14.08
400
115058-14
FE
2.5
63.5
4.125
104.8
1.125
28.6
0.625
15.9
15.66
445
115058-14
FF
2.5
63.5
4.625
117.5
1.125
28.6
0.625
15.9
21.12
600
115058-14
FG
2.5
63.5
5.125
130.2
1.125
28.6
0.625
15.9
22.88
650
115058-14
FH
2.5
63.5
5.625
142.9
1.125
28.6
0.625
15.9
21.12
600
115058-14
GC
3
76.2
3.125
79.4
1.250
31.8
0.750
19.1
18.30
520
115058-11
GD
3
76.2
3.625
92.1
1.250
31.8
0.750
19.1
20.06
570
115058-11
GE
3
76.2
4.125
104.8
1.250
31.8
0.750
19.1
21.12
600
115058-11
GF
3
76.2
4.625
117.5
1.250
31.8
0.750
19.1
25.34
720
115058-11
GG
3
76.2
5.125
130.2
1.250
31.8
0.750
19.1
29.92
850
115058-11
GH
3
76.2
5.625
142.9
1.250
31.8
0.750
19.1
34.14
970
115058-11
GJ
3
76.2
5.875
149.2
1.250
31.8
0.750
19.1
36.96
1050
115058-11
GN
3
76.2
8.625
219.1
1.250
31.8
0.750
19.1
51.39
1460
115058-11


Similar Part No. - 3188BC223U025APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188BC223U025APA1 CDE-3188BC223U025APA1 Datasheet
231Kb / 5P
   Aluminum Electrolytic Screw Terminals
3188BC223U025APA1 CDE-3188BC223U025APA1 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
More results

Similar Description - 3188BC223U025APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com