Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

101C354U7R5EF2B Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # 101C354U7R5EF2B
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C354U7R5EF2B Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button 101C354U7R5EF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 9Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 10Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 11Page - Cornell Dubilier Electronics 101C354U7R5EF2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
ESR Max Ripple Max
ESR Max Ripple Max
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
(µF)
Part Number
120 Hz
120 Hz
D x L
(µF)
Part Number
120 Hz
120 Hz
D x L
(mΩ)
(A)
(in)
(mΩ)
(A)
(in)
200 Vdc (275 Vdc Surge)
250 Vdc (350 Vdc Surge)
380
101C381T200AK2B
453.7
2.0
1 3/8 x 1 5/8
290
101C291T250AK2B
548.8
1.8
1 3/8 x 1 5/8
680
101C681T200AA2B
253.5
3.0
1 3/8 x 2 1/8
530
101C531T250AA2B
300.3
2.7
1 3/8 x 2 1/8
890
101C891T200EA2B
223.5
3.7
1 3/4 x 2 1/8
700
101C701T250EA2B
227.4
3.7
1 3/4 x 2 1/8
980
101C981T200AH2B
175.9
3.9
1 3/8 x 2 5/8
760
101C761T250AH2B
209.4
3.5
1 3/8 x 2 5/8
1,100
101C112T200BA2B
180.9
4.5
2 x 2 1/8
890
101C891T250BA2B
163.9
4.7
2 x 2 1/8
1,300
101C132T200AB2B
132.6
4.8
1 3/8 x 3 1/8
990
101C991T250AB2B
160.8
4.3
1 3/8 x 3 1/8
1,400
101C142T200EH2B
142.1
5.0
1 3/4 x 2 5/8
1,100
101C112T250EH2B
144.7
5.0
1 3/4 x 2 5/8
1,600
101C162T200AJ2B
107.8
5.6
1 3/8 x 3 5/8
1,200
101C122T250AJ2B
132.6
5.0
1 3/8 x 3 5/8
1,800
101C182T200BH2B
110.5
6.1
2 x 2 5/8
1,400
101C142T250BH2B
104.2
6.3
2 x 2 5/8
1,900
101C192T200EB2B
104.7
6.2
1 3/4 x 3 1/8
1,500
101C152T250AC2B
106.1
5.9
1 3/8 x 4 1/8
1,900
101C192T200AC2B
88.9
6.4
1 3/8 x 4 1/8
1,500
101C152T250EB2B
106.1
6.2
1 3/4 x 3 1/8
2,200
101C222T200AD2B
90.4
6.7
1 3/8 x 4 5/8
1,700
101C172T250AD2B
101.4
6.3
1 3/8 x 4 5/8
2,400
101C242T200EJ2B
82.9
7.3
1 3/4 x 3 5/8
1,900
101C192T250AE2B
90.7
6.9
1 3/8 x 5 1/8
2,400
101C242T200BB2B
82.9
7.5
2 x 3 1/8
1,900
101C192T250EJ2B
83.8
7.3
1 3/4 x 3 5/8
2,500
101C252T200AE2B
79.6
7.4
1 3/8 x 5 1/8
1,900
101C192T250BB2B
69.8
8.2
2 x 3 1/8
2,800
101C282T200AF2B
71.0
8.1
1 3/8 x 5 5/8
2,200
101C222T250AF2B
84.4
7.4
1 3/8 x 5 5/8
3,100
101C312T200BJ2B
64.2
9.0
2 x 3 5/8
2,300
101C232T250CH2B
75.0
8.6
2 1/2 x 2 5/8
3,400
101C342T200EC2B
58.5
9.1
1 3/4 x 4 1/8
2,300
101C232T250EC2B
69.2
8.4
1 3/4 x 4 1/8
3,500
101C352T200ED2B
56.8
9.7
1 3/4 x 4 5/8
2,400
101C242T250BJ2B
58.0
9.5
2 x 3 5/8
4,000
101C402T200EE2B
49.7
10.7
1 3/4 x 5 1/8
2,700
101C272T250ED2B
58.9
9.5
1 3/4 x 4 5/8
4,000
101C402T200CB2B
49.7
11.2
2 1/2 x 3 1/8
2,900
101C292T250BC2B
50.3
10.7
2 x 4 1/8
4,000
101C402T200BC2B
43.1
11.5
2 x 4 1/8
3,100
101C312T250CB2B
55.6
10.6
2 1/2 x 3 1/8
4,400
101C442T200BD2B
45.2
11.7
2 x 4 5/8
3,100
101C312T250EE2B
51.3
10.5
1 3/4 x 5 1/8
4,500
101C452T200EF2B
44.2
11.7
1 3/4 x 5 5/8
3,400
101C342T250BD2B
45.6
11.7
2 x 4 5/8
5,000
101C502T200BE2B
39.8
12.9
2 x 5 1/8
3,500
101C352T250EF2B
45.5
11.6
1 3/4 x 5 5/8
5,100
101C512T200CJ2B
39.0
13.3
2 1/2 x 3 5/8
3,900
101C392T250BE2B
42.0
12.6
2 x 5 1/8
6,100
101C612T200BF2B
32.6
14.7
2 x 5 5/8
4,000
101C402T250CJ2B
43.1
12.6
2 1/2 x 3 5/8
6,500
101C652T200CC2B
26.3
16.9
2 1/2 x 4 1/8
4,500
101C452T250BF2B
38.3
13.6
2 x 5 5/8
7,200
101C722T200CH2B
27.6
14.1
2 1/2 x 2 5/8
4,700
101C472T250DB2B
42.3
13.6
3 x 3 1/8
7,200
101C722T200CD2B
27.6
17.1
2 1/2 x 4 5/8
5,100
101C512T250CC2B
30.6
15.6
2 1/2 x 4 1/8
7,600
101C762T200DJ2B
29.7
17.0
3 x 3 5/8
5,700
101C572T250CD2B
28.9
16.7
2 1/2 x 4 5/8
8,300
101C832T200CE2B
24.0
19.0
2 1/2 x 5 1/8
5,900
101C592T250DJ2B
33.7
16.0
3 x 3 5/8
9,300
101C932T200DC2B
21.4
20.9
3 x 4 1/8
6,500
101C652T250CE2B
26.6
18.0
2 1/2 x 5 1/8
10,000
101C103T200CF2B
21.2
20.8
2 1/2 x 5 5/8
7,200
101C722T250DC2B
27.6
18.4
3 x 4 1/8
11,000
101C113T200DD2B
20.5
22.1
3 x 4 5/8
7,700
101C772T250CF2B
24.1
19.5
2 1/2 x 5 5/8
13,000
101C133T200DB2B
17.8
20.9
3 x 3 1/8
8,500
101C852T250DD2B
23.4
20.7
3 x 4 5/8
13,000
101C133T200DE2B
17.8
24.5
3 x 5 1/8
9,700
101C972T250DE2B
20.5
22.8
3 x 5 1/8
14,000
101C143T200DF2B
16.9
25.9
3 x 5 5/8
11,000
101C113T250DF2B
18.1
25.0
3 x 5 5/8
15,000
101C153T200DP2B
15.9
27.1
3 x 5 7/8
12,000
101C123T250DP2B
16.6
26.5
3 x 5 7/8
20,000
101C203T200DN2D
12.5
33.9
3 x 7 5/8
16,000
101C163T250DN2D
13.4
32.8
3 x 7 5/8
23,000
101C233T200DG2D
10.4
37.8
3 x 8 5/8
18,000
101C183T250DG2D
11.1
36.7
3 x 8 5/8


Similar Part No. - 101C354U7R5EF2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C354U7R5EF2B ETC2-101C354U7R5EF2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C354U7R5EF2B CDE-101C354U7R5EF2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C354U7R5EF2B CDE-101C354U7R5EF2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C354U7R5EF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com