Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3191EF683M016BPA1 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 3191EF683M016BPA1
Description  Screw Terminal Capacitors for Power Output Filtering
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3191EF683M016BPA1 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  3191EF683M016BPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3191EF683M016BPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3191EF683M016BPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3191EF683M016BPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3191EF683M016BPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
D
L
H
Optional Stud
P
A
0.63 (16)
Outline Drawing
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters
Code
in
mm
in
mm
Thread
in
mm
in∙lb
N∙m
Low Post
1 3/8 to 3
B
0.314
8.0
0.094
2.4
10–32
0.218
5.5
25
2.82
High Post
1 3/8 to 3
A
0.314
8.0
0.281
7.1
10–32
0.375
9.5
25
2.82
High Current, Low
2 1/2 & 3
D
0.684
17.4
0.125
3.2
¼–28
0.344
8.7
60
6.78
High Current, High
2 1/2 & 3
K
0.684
17.4
0.281
7.1
¼–28
0.469
11.9
60
6.78
M5 Post, Small
1 3/8 to 2
M
0.314
8.0
0.281
7.1
M5
0.375
9.5
25
2.82
M6 Low Post
2 1/2 & 3
J
0.684
17.4
0.125
3.2
M6
0.344
8.7
60
6.78
B
Terminal
A=high post
B=low post
D=high current
low post
K=high current
P
Insulation
P=0.008” PVC
H=0.012” PVC
N=none
with mounting
R=0.008” PVC
A1
Construction*
A1=potted
R1=rilled
S1=stud & potted
T1=stud & rilled**
T
Tolerance
M= ±20%
S= –10 +30%
T= –10 +50%
U= –10 +75%
7R5
Voltage
7R5=7.5 Vdc
020=20 Vdc
153
Capacitance
153=15000 µF
223=22000 µF
272=2700 µF
BA
Case Code
3191
Type
Part Numbering System
* Construction code is also a sequence number, e.g., A1, A2,---,A9, B1,B2,---, for customer
specifications. Sequence number 1 in A1, R1, S1 and T1 denotes the standard catalog
capacitor with no special requirements.
** Mounting stud not available for 1.375” diameter cases, case codes BA, BC and BE.
Type 3191, Aluminum Electrolytic Screw Terminal
Screw Terminal Capacitors for Power Output Filtering
Insulation Dimensions
Code Clamp Insulation
Dimension Adders
Bracket
Type
D
L
H
Dimensions in Inches
P
no
0.008" PVC
+0.02
+0.032
+0.024
H
no
0.012" PVC
+0.03
+0.062
+0.045
N
no
none
R
yes
0.008" PVC
+0.02
+0.032
+0.024
J
yes
0.012" PVC
+0.03
+0.062
+0.045
X
yes
none


Similar Part No. - 3191EF683M016BPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191EF683M016BPA1 CDE-3191EF683M016BPA1 Datasheet
362Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3191EF683M016BPA1 CDE-3191EF683M016BPA1 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
More results

Similar Description - 3191EF683M016BPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191 CDE-3191_17 Datasheet
117Kb / 5P
   Screw Terminal Capacitors for Power Output Filtering
3199BA393M7P5APA1 CDE-3199BA393M7P5APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
logo
Vishay Siliconix
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com