Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125333U7R5AA1B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 125333U7R5AA1B
Description  Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

125333U7R5AA1B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  125333U7R5AA1B Datasheet HTML 1Page - Cornell Dubilier Electronics 125333U7R5AA1B Datasheet HTML 2Page - Cornell Dubilier Electronics 125333U7R5AA1B Datasheet HTML 3Page - Cornell Dubilier Electronics 125333U7R5AA1B Datasheet HTML 4Page - Cornell Dubilier Electronics 125333U7R5AA1B Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Temperature Range
–55 ºC to +125 ºC
Rated Voltage Range
5 to 40 Vdc
Capacitance Range
2600 µF to 190,000 µF
Capacitance Tolerance
–10 +75%
Leakage Current
≤0.003 CV µA @ +25 ºC; ≤0.009 CV @ +125 ºC
Ripple Current Multipliers
Ambient Temperature
EIA Ripple Life
5,000 h at full load @ 85 ºC per EIA IS-749
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Endurance Life Test
5,000 h at +125 ºC and rated voltage
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h @ 105 VC, capacitance, ESR and DCL, initial requirements
Vibration
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axis
RoHS Compliant
Exceeding the requirements of military aluminum electrolytic large
can capacitors, the Type 125 performs in the most demanding filter
applications delivering the longest life and the lowest leakage in low-
voltage, aluminum-electrolytic capacitors. It’s the choice for output
capacitors in high temperature and military power supplies.
Highlights
- 5000 hour load life
- Ripple Current to 50 amps
- ESRs to 4mΩ
- >90% capacitance at –40 ºC
- Operates at +125 ºC
Specifications
Frequency
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
1.80
1.63
1.45
1.25
1.00
0.87
0.71
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
The Pace-Setter for Long Life and High Temperature
50 Hz
60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz & Up
0.85
0.87
1.00
1.10
1.22
1.32
1.33
click here to see hardware and mounting options


Similar Part No. - 125333U7R5AA1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
125333U7R5AA1B ETC2-125333U7R5AA1B Datasheet
277Kb / 4P
   The Pace-Setter for Long Life and High Temperature
logo
Cornell Dubilier Electr...
125333U7R5AA1B CDE-125333U7R5AA1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125333U7R5AA1B CDE-125333U7R5AA1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125333U7R5AA1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125253U005AK1B CDE-125253U005AK1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
logo
Amphenol Corporation
LTR-90 AMPHENOL-LTR-90 Datasheet
92Kb / 4P
   ??5 쨘C to 140 쨘C Ultra-Cool Dry Block Calibrator
logo
Epson ToYoCom
TG-5510CA EPSONTOYOCOM-TG-5510CA Datasheet
392Kb / 1P
   TCXO HIGH STABILITY 105 쨘C HIGH TEMPERATURE
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR143U016R3C CDE-CGR143U016R3C Datasheet
832Kb / 3P
   105 쨘C High Temp Screw Terminal Aluminum Electrolytic
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
Sensitron
SHD106223 SENSITRON-SHD106223_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com