Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX742 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX742
Description  Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX742 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX742 Datasheet HTML 1Page - Maxim Integrated Products MAX742 Datasheet HTML 2Page - Maxim Integrated Products MAX742 Datasheet HTML 3Page - Maxim Integrated Products MAX742 Datasheet HTML 4Page - Maxim Integrated Products MAX742 Datasheet HTML 5Page - Maxim Integrated Products MAX742 Datasheet HTML 6Page - Maxim Integrated Products MAX742 Datasheet HTML 7Page - Maxim Integrated Products MAX742 Datasheet HTML 8Page - Maxim Integrated Products MAX742 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX742 DC-DC converter is a controller for dual-out-
put power supplies in the 3W to 60W range. Relying on
simple two-terminal inductors rather than transformers, the
MAX742 regulates both outputs independently to within
±4% over all conditions of line voltage, temperature, and
load current.
The MAX742 has high efficiency (up to 92%) over a wide
range of output loading. Two independent PWM current-
mode feedback loops provide tight regulation and opera-
tion free from subharmonic noise. The MAX742 can
operate at 100kHz or 200kHz, so it can be used with small
and lightweight external components. Also ripple and
noise are easy to filter. The MAX742 provides a regulated
output for inputs ranging from 4.2V to 10V (and higher with
additional components).
External power MOSFETs driven directly from the MAX742
are protected by cycle-by-cycle overcurrent sensing. The
MAX742 also features undervoltage lockout, thermal shut-
down, and programmable soft-start.
If 3W of load power or less is needed, refer to the MAX743
data sheet for a device with internal power MOSFETs.
________________________Applications
DC-DC Converter Module Replacement
Distributed Power Systems
Computer Peripherals
____________________________Features
o Specs Guaranteed for In-Circuit Performance
o Load Currents to ±2A
o 4.2V to 10V Input-Voltage Range
o Switches From ±15V to ±12V Under Logic Control
o ±4% Output Tolerance Max Over Temp, Line,
and Load
o 90% Typ Efficiency
o Low-Noise, Current-Mode Feedback
o Cycle-by-Cycle Current Limiting
o Undervoltage Lockout and Soft-Start
o 100kHz or 200kHz Operation
Switch-Mode Regulator with
+5V to ±12V or ±15V Dual Output
________________________________________________________________
Maxim Integrated Products
1
MAX742
P
R
+5V
INPUT
S
-SENSE
-DRIVE
PWM
N
R
S
+SENSE
+DRIVE
-VO
+VO
PWM
OSC
+2.0V
VREF
CC+
CC-
__________Simplified Block Diagram
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
CSH+
CSL+
GND
EXT+
AV
AGND
CC+
FB+
TOP VIEW
PUMP
PDRV
EXT-
V+
SS
VREF
12/15
100/200
12
11
9
10
CSH-
CSL-
FB-
CC-
DIP/SO
MAX742
__________________Pin Configuration
19-3105; Rev 2; 8/96
PART
MAX742CPP
MAX742CWP
MAX742C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 Wide SO
Dice*
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
MAX742EWP
MAX742MJP
-55°C to +125°C
-40°C to +85°C
20 Wide SO
20 CERDIP
MAX742EPP
-40°C to +85°C
20 Plastic DIP
______________Ordering Information
* Contact factory for dice specifications
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7420CUA MAXIM-MAX7420CUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7420CUA++ MAXIM-MAX7420CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
MAX7420EUA MAXIM-MAX7420EUA Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7421 MAXIM-MAX7421 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results

Similar Description - MAX742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
   3.3V 5V 짹12V Housekeeping IC
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
   3.3V 5V 짹12V Housekeeping IC
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
   DUAL 5V REGULATOR WITH RESET
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
   DUAL 5V REGULATOR WITH RESET
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
   -5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com