Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGR163U016U2L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CGR163U016U2L
Description  105 쨘C High Temp Screw Terminal Aluminum Electrolytic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGR163U016U2L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CGR163U016U2L Datasheet HTML 1Page - Cornell Dubilier Electronics CGR163U016U2L Datasheet HTML 2Page - Cornell Dubilier Electronics CGR163U016U2L Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGR 105 ºC High Temp Screw Terminal Aluminum Electrolytic
105 ºC, Screw Terminal Capacitors
Type CGR screw terminal, aluminum electrolytic
capacitors have excellent reliability and are good
for 2000 hours at 105 ºC at full rated voltage.
Highlights
High reliability - 2000 hours at 105 ºC
Screw Terminal
Commercial Equivalent of
MIL-C-350 18/04, 06, 10
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
Ripple Current Multipliers:
330 to 100,000 µF
7.5 to 200 WVdc
–10% +75% (7.5 - 50 WVdc)
–10% +50% (51 - 200 WVdc)
–40 ºC to +105 ºC
Ambient Temperature
25 ºC
35 ºC
45 ºC
55 ºC
65 ºC
85 ºC
2.00
1.88
1.72
1.58
1.42
1.00
Rated
Frequency / Ripple Multiplier
Voltage
120 Hz 400 Hz 1000 Hz 2500 Hz 10 kHz
10 to 75
1.000
1.050
1.085
1.135
1.150
76 to 250
1.000
1.075
1.125
1.155
1.210
DC Leakage Current:
QA Stability Test:
I 6
after 5 minutes
Not to exceed 4.0 mA
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in µA
Apply WVdc for 2000 h @ 105 ºC
Capacitance change ±15% from initial limits
DC leakage current meets initial limits
ESR: ≤175% of initial measured value
Ratings
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
7.5 WVdc ( 12 Vdc Surge )
34,000 CGR343U7R5U3C
0.0128
14.4
1.75
3.125
47,000 CGR473U7R5V3C
0.0098
17.8
2.00
3.125
66,000 CGR663U7R5V4C
0.0068
23.8
2.00
4.125
10 WVdc ( 12 Vdc Surge )
24,000 CGR243U010R3C
0.011
9.5
1.375
3.125
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
12 WVdc ( 15 Vdc Surge )
12,000 CGR123U012R2L
0.0154
10.6
1.375
2.625
100,000 CGR104U012W5C
0.0043
30.0
2.500
5.125
16 WVdc ( 15 Vdc Surge )
7,700
CGR772U016R2C 0.0231
7.9
1.375
2.125
11,000
CGR113U016R2L 0.0161
10.3
1.375
2.625
Click here to see: Hardware & Mounting
Options
Click here to see: Mechanical Details
≤ √CV
RoHS Compliant


Similar Part No. - CGR163U016U2L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGR163U016U2L CDE-CGR163U016U2L Datasheet
231Kb / 2P
   105 ?C High Temp Screw Terminal Aluminum Electrolytic
More results

Similar Description - CGR163U016U2L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES601G350V2C CDE-HES601G350V2C Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR343U7R5U3C CDE-CGR343U7R5U3C Datasheet
231Kb / 2P
   105 ?C High Temp Screw Terminal Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
logo
RFE international
MGA332M2C-B075 RFE-MGA332M2C-B075 Datasheet
312Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS MGA Series: Large Can Screw Terminal, 105 째C
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com