Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C134U6R3AC2B Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # 500C134U6R3AC2B
Description  Long Life, High Capacitance Screw Terminal Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C134U6R3AC2B Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button 500C134U6R3AC2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 9Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 10Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 11Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 12Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 13Page - Cornell Dubilier Electronics 500C134U6R3AC2B Datasheet HTML 14Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 500C 95 °C Long Life, Screw Terminal, Aluminum
Long Life, High Capacitance Screw Terminal Type
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
5800
500C582T200BD2B
24.4
12.00
2 x 4 5/8
2800
500C282T250EC2B
40.4
8.30
1 3/4 x 4 1/8
5900
500C592T200EF2B
21.0
12.80
1 3/4 x 5 5/8
3100
500C312T250BJ2B
38.1
8.80
2 x 3 5/8
6200
500C622T200CJ2B
22.3
13.20
2 1/2 x 3 5/8
3300
500C332T250ED2B
34.7
9.30
1 3/4 x 4 5/8
6700
500C672T200BE2B
21.7
13.20
2 x 5 1/8
3700
500C372T250CB2B
32.0
10.50
2 1/2 x 3 1/8
7600
500C762T200BF2B
19.6
14.30
2 x 5 5/8
3800
500C382T250EE2B
30.5
10.30
1 3/4 x 5 1/8
7600
500C762T200CC2B
20.3
14.40
2 1/2 x 4 1/8
3800
500C382T250BC2B
31.4
10.10
2 x 4 1/8
7600
500C762T200DB2B
30.3
12.10
3 x 3 1/8
4300
500C432T250EF2B
27.3
11.20
1 3/4 x 5 5/8
9000
500C902T200CD2B
17.3
16.20
2 1/2 x 4 5/8
4500
500C452T250BD2B
26.9
11.40
2 x 4 5/8
9800
500C982T200DJ2B
23.7
14.30
3 x 3 5/8
4700
500C472T250CJ2B
25.0
12.40
2 1/2 x 3 5/8
10000
500C103T200CE2B
15.8
17.60
2 1/2 x 5 1/8
5200
500C522T250BE2B
23.6
12.60
2 x 5 1/8
12000
500C123T200CF2B
13.7
19.40
2 1/2 x 5 5/8
5600
500C562T250DB2B
27.6
12.60
3 x 3 1/8
12000
500C123T200DC2B
19.7
16.30
3 x 4 1/8
5800
500C582T250CC2B
20.7
14.30
2 1/2 x 4 1/8
14000
500C143T200DD2B
16.9
18.30
3 x 4 5/8
5900
500C592T250BF2B
21.0
13.80
2 x 5 5/8
15000
500C153T200FC2B
17.1
19.30
3 1/2 x 4 1/8
6900
500C692T250CD2B
17.7
16.10
2 1/2 x 4 5/8
16000
500C163T200FG2B
14.8
20.20
3 x 5 1/8
7200
500C722T250DJ2B
21.6
15.00
3 x 3 5/8
18000
500C183T200DF2B
13.3
22.00
3 x 5 5/8
7900
500C792T250CE2B
15.5
17.70
2 1/2 x 5 1/8
19000
500C193T200DP2B
15.3
20.70
3 x 5 7/8
8800
500C882T250DC2B
17.6
17.30
3 x 4 1/8
20000
500C203T200FD2B
12.7
23.30
3 1/2 x 4 5/8
9000
500C902T250CF2B
13.8
19.40
2 1/2 x 5 5/8
21000
500C213T200FE2D
13.4
23.30
3 1/2 x 5 1/8
10000
500C103T250DD2B
16.3
18.60
3 x 4 5/8
24000
500C243T200FF2D
12.0
25.30
3 1/2 x 5 5/8
11000
500C113T250FC2D
19.5
18.10
3 1/2 x 4 1/8
25000
500C253T200FP2D
11.5
26.30
3 1/2 x 5 7/8
12000
500C123T250DE2B
14.3
20.60
3 x 5 1/8
26000
500C263T200DN2B
11.7
26.40
3 x 7 5/8
13000
500C133T250FD2D
17.2
19.90
3 1/2 x 4 5/8
31000
500C313T200DG2B
9.6
29.60
3 x 8 5/8
14000
500C143T250DF2B
12.0
23.20
3 x 5 5/8
35000
500C353T200FN2D
9.3
32.10
3 1/2 x 7 5/8
15000
500C153T250DP2B
11.5
23.90
3 x 5 7/8
40000
500C403T200FG2D
7.9
35.50
3 1/2 x 8 5/8
15000
500C153T250FE2D
15.1
22.00
3 1/2 x 5 1/8
250 Vdc (300 Vdc Surge)
17000
500C173T250FF2D
13.2
24.20
3 1/2 x 5 5/8
380
500C381T250AK2B
260.0
2.00
1 3/8 x 1 5/8
18000
500C183T250FP2D
12.8
24.80
3 1/2 x 5 7/8
680
500C681T250AA2B
156.0
2.90
1 3/8 x 2 1/8
21000
500C213T250DN2D
9.6
30.90
3 x 7 5/8
830
500C831T250AH2B
119.0
3.50
1 3/8 x 2 5/8
24000
500C243T250DG2D
7.0
34.60
3 x 8 5/8
1100
500C112T250AB2B
87.5
4.40
1 3/8 x 3 1/8
25000
500C253T250FN2D
10.5
30.00
3 1/2 x 7 5/8
1100
500C112T250EA2B
99.1
4.20
1 3/4 x 2 1/8
29000
500C293T250FG2D
9.2
33.00
3 1/2 x 8 5/8
1200
500C122T250BA2B
94.6
4.60
2 x 2 1/8
300 Vdc (350 Vdc Surge)
1300
500C132T250EH2B
82.8
4.90
1 3/4 x 2 5/8
290
500C291T300AK2B
418.0
1.60
1 3/8 x 1 5/8
1400
500C142T250AJ2B
69.5
5.20
1 3/8 x 3 5/8
520
500C521T300AA2B
231.0
2.30
1 3/8 x 2 1/8
1700
500C172T250AC2B
57.8
6.00
1 3/8 x 4 1/8
630
500C631T300AH2B
189.0
2.80
1 3/8 x 2 5/8
1700
500C172T250BH2B
65.7
6.00
2 x 2 5/8
870
500C871T300AB2B
138.0
3.50
1 3/8 x 3 1/8
1800
500C182T250EB2B
61.1
6.10
1 3/4 x 3 1/8
870
500C871T300EA2B
139.0
3.50
1 3/4 x 2 1/8
2000
500C202T250AD2B
51.5
6.60
1 3/8 x 4 5/8
1000
500C102T300BA2B
131.0
3.90
2 x 2 1/8
2300
500C232T250AE2B
44.1
7.40
1 3/8 x 5 1/8
1100
500C112T300AJ2B
107.0
4.20
1 3/8 x 3 5/8
2300
500C232T250EJ2B
48.5
7.20
1 3/4 x 3 5/8
1100
500C112T300EH2B
117.0
4.10
1 3/4 x 2 5/8
2400
500C242T250BB2B
46.2
7.60
2 x 3 1/8
1300
500C132T300AC2B
90.4
4.80
1 3/8 x 4 1/8
2600
500C262T250AF2B
38.4
8.30
1 3/8 x 5 5/8
1300
500C132T300BH2B
103.0
4.80
2 x 2 5/8
2600
500C262T250CH2B
51.6
7.80
2 1/2 x 2 5/8
1400
500C142T300EB2B
84.5
5.20
1 3/4 x 3 1/8


Similar Part No. - 500C134U6R3AC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C134U6R3AC2B CDE-500C134U6R3AC2B Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
500C134U6R3AC2B CDE-500C134U6R3AC2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C134U6R3AC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
United Chemi-Con, Inc.
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com