Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

101C663U7R5AH2B Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 101C663U7R5AH2B
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C663U7R5AH2B Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  101C663U7R5AH2B Datasheet HTML 1Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 2Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 3Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C663U7R5AH2B Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
ESR Max Ripple Max
ESR Max Ripple Max
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
(µF)
Part Number
120 Hz
120 Hz
D x L
(µF)
Part Number
120 Hz
120 Hz
D x L
(mΩ)
(A)
(in)
(mΩ)
(A)
(in)
16 Vdc (25 Vdc Surge)
20 Vdc (30 Vdc Surge)
16,000
101C163U016AK2B
39.2
6.0
1 3/8 x 1 5/8
13,000
101C133U020AK2B
39.2
6.0
1 3/8 x 1 5/8
27,000
101C273U016AA2B
26.0
8.5
1 3/8 x 2 1/8
21,000
101C213U020AA2B
26.0
8.5
1 3/8 x 2 1/8
38,000
101C383U016AH2B
20.0
11.1
1 3/8 x 2 5/8
29,000
101C293U020AH2B
20.0
11.1
1 3/8 x 2 5/8
45,000
101C453U016BA2B
19.1
13.7
2 x 2 1/8
34,000
101C343U020BA2B
19.1
13.7
2 x 2 1/8
46,000
101C463U016EA2B
24.3
11.2
1 3/4 x 2 1/8
35,000
101C353U020EA2B
24.3
11.2
1 3/4 x 2 1/8
49,000
101C493U016AB2B
15.9
13.6
1 3/8 x 3 1/8
38,000
101C383U020AB2B
15.9
13.6
1 3/8 x 3 1/8
59,000
101C593U016AJ2B
13.5
15.7
1 3/8 x 3 5/8
45,000
101C453U020AJ2B
13.5
15.7
1 3/8 x 3 5/8
66,000
101C663U016EH2B
17.7
14.2
1 3/4 x 2 5/8
50,000
101C503U020EH2B
17.7
14.2
1 3/4 x 2 5/8
71,000
101C713U016BH2B
13.0
18.0
2 x 2 5/8
54,000
101C543U020BH2B
13.0
18.0
2 x 2 5/8
73,000
101C733U016AC2B
12.2
17.4
1 3/8 x 4 1/8
55,000
101C553U020AC2B
12.2
17.4
1 3/8 x 4 1/8
82,000
101C823U016AD2B
11.1
19.0
1 3/8 x 4 5/8
62,000
101C623U020AD2B
11.1
19.0
1 3/8 x 4 5/8
86,000
101C863U016EB2B
14.1
16.9
1 3/4 x 3 1/8
66,000
101C663U020EB2B
14.1
16.9
1 3/4 x 3 1/8
93,000
101C933U016AE2B
10.1
20.6
1 3/8 x 5 1/8
71,000
101C713U020AE2B
10.1
20.6
1 3/8 x 5 1/8
100,000
101C104U016BB2B
8.6
23.4
2 x 3 1/8
77,000
101C773U020BB2B
8.6
23.4
2 x 3 1/8
110,000
101C114U016EJ2B
11.8
19.4
1 3/4 x 3 5/8
80,000
101C803U020AF2B
9.3
22.3
1 3/8 x 5 5/8
110,000
101C114U016AF2B
9.3
22.3
1 3/8 x 5 5/8
81,000
101C813U020EJ2B
11.8
19.4
1 3/4 x 3 5/8
120,000
101C124U016CH2B
9.8
23.7
2 1/2 x 2 5/8
89,000
101C893U020CH2B
9.8
23.7
2 1/2 x 2 5/8
120,000
101C124U016BJ2B
8.0
25.7
2 x 3 5/8
94,000
101C943U020BJ2B
8.0
25.7
2 x 3 5/8
130,000
101C134U016EC2B
8.6
23.8
1 3/4 x 4 1/8
98,000
101C983U020EC2B
8.6
23.8
1 3/4 x 4 1/8
150,000
101C154U016ED2B
9.2
24.0
1 3/4 x 4 5/8
110,000
101C114U020ED2B
9.2
24.0
1 3/4 x 4 5/8
160,000
101C164U016CB2B
7.5
28.9
2 1/2 x 3 1/8
120,000
101C124U020CB2B
7.5
28.9
2 1/2 x 3 1/8
160,000
101C164U016BC2B
6.0
30.9
2 x 4 1/8
120,000
101C124U020BC2B
6.0
30.9
2 x 4 1/8
170,000
101C174U016EE2B
8.4
26.0
1 3/4 x 5 1/8
130,000
101C134U020EE2B
8.4
26.0
1 3/4 x 5 1/8
170,000
101C174U016BD2B
5.9
32.5
2 x 4 5/8
130,000
101C134U020BD2B
5.9
32.5
2 x 4 5/8
190,000
101C194U016EF2B
7.8
28.0
1 3/4 x 5 5/8
140,000
101C144U020EF2B
7.8
28.0
1 3/4 x 5 5/8
200,000
101C204U016CJ2D
6.1
33.6
2 1/2 x 3 5/8
150,000
101C154U020CJ2D
6.1
33.6
2 1/2 x 3 5/8
200,000
101C204U016BE2B
5.3
35.4
2 x 5 1/8
150,000
101C154U020BE2B
5.3
35.4
2 x 5 1/8
230,000
101C234U016BF2B
4.9
38.0
2 x 5 5/8
180,000
101C184U020DB2D
7.3
32.7
3 x 3 1/8
240,000
101C244U016DB2D
7.3
32.7
3 x 3 1/8
180,000
101C184U020BF2B
4.9
38.0
2 x 5 5/8
250,000
101C254U016CC2D
4.3
41.9
2 1/2 x 4 1/8
190,000
101C194U020CC2D
4.3
41.9
2 1/2 x 4 1/8
290,000
101C294U016CD2D
4.5
42.3
2 1/2 x 4 5/8
220,000
101C224U020CD2D
4.5
42.3
2 1/2 x 4 5/8
300,000
101C304U016DJ2D
5.9
38.1
3 x 3 5/8
230,000
101C234U020DJ2D
5.9
38.1
3 x 3 5/8
330,000
101C334U016CE2D
4.0
46.2
2 1/2 x 5 1/8
250,000
101C254U020CE2D
4.0
46.2
2 1/2 x 5 1/8
360,000
101C364U016DC2D
4.7
44.6
3 x 4 1/8
280,000
101C284U020DC2D
4.7
44.6
3 x 4 1/8
370,000
101C374U016CF2D
3.4
51.6
2 1/2 x 5 5/8
280,000
101C284U020CF2D
3.4
51.6
2 1/2 x 5 5/8
430,000
101C434U016DD2D
4.1
49.5
3 x 4 5/8
330,000
101C334U020DD2D
4.1
49.5
3 x 4 5/8
490,000
101C494U016DE2D
3.8
53.0
3 x 5 1/8
380,000
101C384U020DE2D
3.8
53.0
3 x 5 1/8
560,000
101C564U016DF2D
3.5
57.2
3 x 5 5/8
420,000
101C424U020DF2D
3.5
57.2
3 x 5 5/8
590,000
101C594U016DP2D
3.4
58.2
3 x 5 7/8
450,000
101C454U020DP2D
3.4
58.2
3 x 5 7/8
800,000
101C804U016DN2D
2.9
69.6
3 x 7 5/8
610,000
101C614U020DN2D
2.9
69.4
3 x 7 5/8
920,000
101C924U016DG2D
2.6
75.8
3 x 8 5/8
710,000
101C714U020DG2D
2.6
75.5
3 x 8 5/8


Similar Part No. - 101C663U7R5AH2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C663U7R5AH2B ETC2-101C663U7R5AH2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C663U7R5AH2B CDE-101C663U7R5AH2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C663U7R5AH2B CDE-101C663U7R5AH2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C663U7R5AH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com