Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7408CPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7408CPA
Description  5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7408CPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7408CPA Datasheet HTML 4Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 5Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 6Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 7Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 8Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 9Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 10Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 11Page - Maxim Integrated Products MAX7408CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
8
_______________________________________________________________________________________
Detailed Description
The MAX7408/MAX7411/MAX7412/MAX7415 family of
5th-order, elliptic, lowpass filters provides sharp rolloff
with good stopband rejection. All parts operate with a
100:1 clock-to-corner frequency ratio and a 15kHz
maximum corner frequency.
Most switched-capacitor filters (SCFs) are designed
with biquadratic sections. Each section implements two
pole-zero pairs, and the sections can be cascaded to
produce higher order filters. The advantage to this
approach is ease of design. However, this type of
design is highly sensitive to component variations
if any section’s Q is high. The MAX7408/MAX7411/
MAX7412/MAX7415 use an alternative approach, which
is to emulate a passive network using switched-capaci-
tor integrators with summing and scaling. The passive
network may be synthesized using CAD programs, or
may be found in many filter books. Figure 1 shows a
basic 5th-order ladder elliptic filter structure.
A switched-capacitor filter that emulates a passive lad-
der filter retains many of the same advantages. The
component sensitivity of a passive ladder filter is low
when compared to a cascaded biquadratic design,
because each component affects the entire filter shape
rather than a single pole-zero pair. In other words, a
mismatched component in a biquadratic design has a
concentrated error on its respective poles, while the
same mismatch in a ladder filter design spreads its
error over all poles.
Elliptic Characteristics
Lowpass elliptic filters such as the MAX7408/MAX7411/
MAX7412/MAX7415 provide the steepest possible
rolloff with frequency of the four most common filter
types (Butterworth, Bessel, Chebyshev, and elliptic).
The high Q value of the poles near the passband edge
combined with the stopband zeros allows for the sharp
attenuation characteristic of elliptic filters, making these
devices ideal for anti-aliasing and post-DAC filtering in
single-supply systems (see the
Anti-Aliasing and Post-
DAC Filtering section).
In the frequency domain, the first transmission zero
causes the filter’s amplitude to drop to a minimum level.
Beyond this zero, the response rises as the frequency
increases until the next transmission zero. The stop-
band begins at the stopband frequency, fS. At frequen-
cies above fS, the filter’s gain does not exceed the gain
at fS. The corner frequency, fC, is defined as the point
where the filter output attenuation falls just below the
passband ripple. The transition ratio (r) is defined as
the ratio of the stopband frequency to the corner fre-
quency:
r = fS / fC
The MAX7408/MAX7412 have a translation ratio of 1.6
and typically 53dB of stopband rejection. The
MAX7411/MAX7415 have a transition ratio of 1.25 (pro-
viding a steeper rolloff) and typically 37dB of stopband
rejection.
C4
C2
L4
C5
C3
C1
VIN
+
-
RL
L2
RS
Figure 1. 5th-Order Ladder Elliptic Filter Network
NAME
FUNCTION
1
COM
Common Input Pin. Biased internally at mid-supply. Bypass externally to GND with 0.1µF capacitor. To
override internal biasing, drive with an external supply.
2
IN
Filter Input
PIN
3
GND
Ground
4
VDD
Positive Supply Input, +5V for MAX7408/MAX7411 or +3V for MAX7412/MAX7415
8
CLK
Clock Input. Connect an external capacitor (COSC) from CLK to GND to set the internal oscillator
frequency. To override the internal oscillator, connect to an external clock.
7
SHDN
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
6
OS
Offset Adjust Input. To adjust output offset, bias OS with a resistive voltage-divider between an external
supply and ground. Connect OS to COM if no offset adjustment is needed.
5
OUT
Filter Output
Pin Description


Similar Part No. - MAX7408CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7408CUA++ MAXIM-MAX7408CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7408CUA++ MAXIM-MAX7408CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7408CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
   Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com