Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7400ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7400ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7400ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7400ESA Datasheet HTML 1Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 8Page - Maxim Integrated Products MAX7400ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
Note 1: The maximum fC is defined as the clock frequency, fCLK = 100 · fC, at which the peak SINAD drops to 68dB with a
sinusoidal input at 0.2fC.
Note 2: DC insertion gain is defined as
∆VOUT / ∆VIN.
Note 3: OS voltages above VDD - 1V saturate the input and result in a 75µA typical input leakage current.
Note 4: For MAX7400/MAX7403, fOSC (kHz) ≅ 38 · 103 / COSC (pF). For MAX7404/MAX7407, fOSC (kHz) ≅ 34 · 103 / COSC (pF).
Note 5: The input frequencies, fIN, are selected at the peaks and troughs of the frequency responses.
ELLIPTIC (r = 1.2) FILTER CHARACTERISTICS—MAX7403/MAX7407
(VDD = +5V for MAX7403, VDD = +3V for MAX7407; filter output measured at OUT; 10kΩ || 50pF load to GND at OUT; SHDN = VDD;
VCOM = VOS = VDD / 2; fCLK = 100kHz; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Typical Operating Characteristics
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
-120
-80
-100
-40
-60
0
-20
20
012345
MAX7400/MAX7404 (r = 1.5)
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
-0.08
0
-0.04
0.12
0.08
0.04
0.20
0.16
0.24
0
202
404
606
808
1010
MAX7400/MAX7404 (r = 1.5)
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
-640
-480
-560
-240
-320
-400
-80
-160
0
0
300
600
900
1200
1500
MAX7400/MAX7404 (r = 1.5)
PHASE RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
PARAMETER
MIN
TYP
MAX
UNITS
-58
-50
-60
-54
Insertion Gain Relative to DC Gain
(Note 5)
-60
-54
fIN = 1.533fC
dB
fIN = 2.875fC
-59
-54
fIN = 1.200fC
fIN = 1.261fC
-0.20
0.10
0.20
-0.20
0.14
0.30
CONDITIONS
-0.20
0.09
0.30
fIN = 0.992fC
fIN = 1.000fC
-0.20
0.02
0.20
fIN = 0.902fC
fIN = 0.956fC
-0.20
0.02
0.20
-0.20
-0.06
0.20
fIN = 0.640fC
fIN = 0.784fC
-0.20
-0.11
0.20
fIN = 0.408fC


Similar Part No. - MAX7400ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CPA MAXIM-MAX7401CPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CSA MAXIM-MAX7401CSA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401EPA MAXIM-MAX7401EPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401ESA MAXIM-MAX7401ESA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results

Similar Description - MAX7400ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com