Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6834FXRD0 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6834FXRD0
Description  Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6834FXRD0 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6834FXRD0 Datasheet HTML 1Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 2Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 3Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 4Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 5Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 6Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 7Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 8Page - Maxim Integrated Products MAX6834FXRD0 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ultra-Low-Voltage SC70 Voltage Detectors
and µP Reset Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +0.55V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay (D0 only)
tP
VCC rising, step signal
from (VTH - 100mV) to (VTH + 100mV)
70
µs
Startup Time (D0 only)
VCC rising from 0 to 1.1V (tR < 1µs)
150
µs
VIL
0.3 x VCC
MR Input Voltage
VIH
0.7 x VCC
V
MR Minimum Input Pulse Width
MR driven from VCC to 0
2
µs
MR Glitch Rejection
MR driven from VCC to 0
100
ns
MR to Reset Delay
MR driven from VCC to 0
500
ns
MR Pullup Resistance To VCC
14
20
26
k
VCC
≥ 0.55V, ISINK =15µA, reset asserted
0.15
VCC
≥ 1.0V, ISINK = 80µA, reset asserted
0.15
Open-Drain RESET Output
Voltage
VOL
VCC
≥ 1.5V, ISINK = 200µA, reset asserted
0.2
V
Open-Drain RESET Output
Leakage Current
ILKG
VCC > VTH, reset not asserted
1.0
µA
VCC
≥ 0.55V, ISINK = 15µA, reset asserted
0.2 x VCC
VCC
≥ 1.0V, ISINK = 80µA, reset asserted
0.2 x VCC
VOL
VCC
≥ 1.5V, ISINK = 200µA, reset asserted
0.2 x VCC
VCC
≥ 1.1V, ISOURCE = 50µA, reset not
asserted
0.8 x VCC
Push-Pull RESET Output
Voltage
VOH
VCC
≥ 1.5V, ISOURCE = 150µA, reset asserted
0.8 x VCC
VCC
≥ 0.75V, ISOURCE = 10µA, reset asserted
(Note 2)
0.8 x VCC
VCC
≥ 0.85V, ISOURCE = 10µA, reset asserted 0.8 x VCC
VCC
≥ 1.0V, ISOURCE = 50µA, reset asserted
0.8 x VCC
VOH
VCC
≥ 1.5V, ISOURCE = 150µA, reset asserted 0.8 x VCC
VCC
≥ 1.1V, ISINK = 80µA, reset not asserted
0.2 x VCC
Push-Pull RESET Output
Voltage
VOL
VCC
≥ 1.5V, ISINK = 200µA, reset not asserted
0.2 x VCC
V
Note 1: 100% production tested at +25°C. Over temperature limits are guaranteed by design.
Note 2: Temperature range is from 0°C to +85°C.


Similar Part No. - MAX6834FXRD0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX683 MAXIM-MAX683 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
MAX6830 MAXIM-MAX6830 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6831_UT-T MAXIM-MAX6831_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6834FXRD0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com