Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7400CSA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7400CSA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7400CSA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7400CSA Datasheet HTML 4Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 5Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 6Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 7Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 8Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 9Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 10Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 11Page - Maxim Integrated Products MAX7400CSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Pin Description
PIN
Common Input. Biased internally at midsupply. Bypass externally to GND with a 0.1µF capacitor. To over-
ride internal biasing, drive with an external supply.
COM
1
FUNCTION
NAME
Filter Input
IN
2
Positive Supply Input: +5V for MAX7400/MAX7403, +3V for MAX7404/MAX7407
VDD
4
Ground
GND
3
Offset Adjust Input. To adjust output offset, bias OS externally. Connect OS to COM if no offset adjustment is
needed. Refer to
Offset and Common-Mode Input Adjustment section.
OS
6
Clock Input. To override the internal oscillator, connect to an external clock; otherwise, connect an external
capacitor (COSC) from CLK to GND to set the internal oscillator frequency.
CLK
8
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
SHDN
7
Filter Output
OUT
5
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
0.96
0.98
0.97
1.00
0.99
1.03
1.02
1.01
1.04
-40
0
-20
20
40
60
80
100
NORMALIZED OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
COSC = 390pF
MAX7400
MAX7403
MAX7404
MAX7407
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
NORMALIZED OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 390pF
MAX7400
MAX7403
MAX7404
MAX7407
0.1
1
100
10
1000
10,000
0.01
1
0.1
10
100
1000
INTERNAL OSCILLATOR FREQUENCY
vs. COSC CAPACITANCE
COSC CAPACITANCE (nF)


Similar Part No. - MAX7400CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CPA MAXIM-MAX7401CPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CSA MAXIM-MAX7401CSA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401EPA MAXIM-MAX7401EPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401ESA MAXIM-MAX7401ESA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results

Similar Description - MAX7400CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com