Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7400 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7400
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7400 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7400 Datasheet HTML 1Page - Maxim Integrated Products MAX7400 Datasheet HTML 2Page - Maxim Integrated Products MAX7400 Datasheet HTML 3Page - Maxim Integrated Products MAX7400 Datasheet HTML 4Page - Maxim Integrated Products MAX7400 Datasheet HTML 5Page - Maxim Integrated Products MAX7400 Datasheet HTML 6Page - Maxim Integrated Products MAX7400 Datasheet HTML 7Page - Maxim Integrated Products MAX7400 Datasheet HTML 8Page - Maxim Integrated Products MAX7400 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX7400/MAX7403
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to GND,
fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND
MAX7400/MAX7403 ..............................................-0.3V to +6V
MAX7404/MAX7407 ..............................................-0.3V to +4V
IN, OUT, COM, OS, CLK ............................-0.3V to (VDD + 0.3V)
SHDN........................................................................-0.3V to +6V
OUT Short-Circuit Duration...................................................1sec
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ..........................471mW
DIP (derate 9.1mW/°C above +70°C) ...........................727mW
Operating Temperature Ranges
MAX740_C_A .....................................................0°C to +70°C
MAX740_E_A ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOS = 0 to (VDD - 1V) (Note 3)
(Note 1)
SHDN = GND, VCOM = 0 to VDD
VIN = VCOM = VDD / 2
Output, COM internally biased
VCOM = VDD / 2 (Note 2)
Input, COM externally driven
CONDITIONS
µA
±0.1
±10
Input Leakage Current at OS
µA
±0.1
±10
Input Leakage Current at COM
pF
50
500
CL
Maximum Capacitive Load
at OUT
k
10
1
RL
Resistive Output Load Drive
mVp-p
10
Clock Feedthrough
k
75
125
RCOM
Input Resistance at COM
VDD / 2
VDD / 2
VDD / 2
- 0.2
+ 0.2
VCOM
COM Voltage Range
V
VDD / 2
VDD / 2
VDD / 2
- 0.5
+ 0.5
100:1
fCLK/fC
Clock-to-Corner Ratio
kHz
0.001 to 10
fC
Corner Frequency
V
VCOM ±0.1
VOS
Input Voltage Range at OS
-82
ppm/°C
10
Clock-to-Corner Tempco
V
0.25
VDD - 0.25
Output Voltage Range
mV
±5
±25
VOFFSET
Output Offset Voltage
dB
-0.1
0.15
0.3
DC Insertion Gain with
Output Offset Removed
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
COSC = 1000pF (Note 4)
kHz
29
38
48
fOSC
Internal Oscillator Frequency
VCLK = 0 or 5V
µA
±15
±30
ICLK
Clock Input Current
VDD - 0.5
VIH
V
0.5
VIL
Clock Input High
fIN = 200Hz, VIN = 4Vp-p,
measurement bandwidth = 22kHz
dB
-80
THD+N
Total Harmonic Distortion
plus Noise
MAX7400
MAX7403
V/V
1
AOS
OS Voltage Gain to OUT
Clock Input Low
V
FILTER CHARACTERISTICS
CLOCK


Similar Part No. - MAX7400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CPA MAXIM-MAX7401CPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401CSA MAXIM-MAX7401CSA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401EPA MAXIM-MAX7401EPA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7401ESA MAXIM-MAX7401ESA Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results

Similar Description - MAX7400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com