Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX711ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX711ESE
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX711ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX711ESE Datasheet HTML 2Page - Maxim Integrated Products MAX711ESE Datasheet HTML 3Page - Maxim Integrated Products MAX711ESE Datasheet HTML 4Page - Maxim Integrated Products MAX711ESE Datasheet HTML 5Page - Maxim Integrated Products MAX711ESE Datasheet HTML 6Page - Maxim Integrated Products MAX711ESE Datasheet HTML 7Page - Maxim Integrated Products MAX711ESE Datasheet HTML 8Page - Maxim Integrated Products MAX711ESE Datasheet HTML 9Page - Maxim Integrated Products MAX711ESE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
The MAX710/MAX711 integrate a step-up DC-DC con-
verter with a linear regulator to provide step-up/down
voltage conversion. The step-up switch-mode regulator
contains an N-channel power MOSFET switch. It also
shares a precision voltage reference with a linear regu-
lator that contains a P-channel MOSFET pass element
(Figure 1).
Step-Up Operation
A pulse-frequency-modulation (PFM) control scheme
with a constant 1µs off-time and variable on-time con-
trols the N-channel MOSFET switch. The N-channel
switch turns off when the part reaches the peak current
limit or the 4µs maximum on-time. The ripple frequency
is a function of load current and input voltage.
Step-Down Operation
The low-dropout linear regulator consists of a refer-
ence, an error amplifier, and a P-channel MOSFET. The
reference is connected to the error amplifier’s inverting
input. The error amplifier compares this reference with
the selected feedback voltage and amplifies the differ-
ence. The difference is conditioned and applied to the
P-channel pass transistor’s gate.
Operating Configurations
The MAX710/MAX711 have several operating configu-
rations to minimize noise and optimize efficiency for dif-
ferent input voltage ranges. These configurations are
accomplished via the N/E input, which controls opera-
tion of the on-chip linear regulator.
With N/E low, the linear regulator behaves as a 0.7
Ω (at
5V output) PFET switch when the IC is boosting, and as
a conventional linear regulator when VIN > VOUT. This
provides optimum boost efficiency, but the PFET does
little to reject boost-converter output ripple. With N/E
high, boost ripple rejection is optimized by maintaining
headroom (VFV, typically 0.5V at 5V output) across the
linear regulator. Boost mode efficiency is then about
10% lower than with N/E high.
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Drain Connection for internal N-channel power MOSFET
LX
1
Power Ground
PGND
2
Shutdown Input. When low, the entire circuit is off and OUT is actively pulled to GND.
SHDN
4
Inductor Current-Limit-Select Input. Connect to GND for 1.5A limit and to PS for 0.8A limit.
ILIM
3
Standby Input. Connect to GND to disable boost circuit. Connect to PS for normal operation.
STBY
5
Selects low-noise or high-efficiency mode. Connect to GND for high efficiency and to PS for
lowest noise. See
Operating Configurations section.
N/E
7
Selects the output voltage. Connect to GND for 5V output and to OUT for 3.3V output.
3/5
6
2
4
3
5
7
1
Low-Battery Comparator Output
LBO
8
8
Negative Input to Low-Battery Comparator
LBI-
10
Source of internal PFET regulator. The IC is powered from PS.
PS
12
Positive Input to Low-Battery Comparator
LBI+
11
1.28V Reference Voltage Output. Bypass with a 0.1µF capacitor to GND.
REF
13
Power Ground
PGND
15
Analog Ground. Must be low impedance. Solder directly to ground plane.
GND
14
10
12
11
13
15
14
9
Drain Connection for internal N-channel power MOSFET
LX
16
16
Linear-Regulator Output. Bypass with a 4.7µF capacitor to GND.
OUT
9
MAX711
MAX710
FUNCTION
NAME
PIN
Feedback Input
FB
6


Similar Part No. - MAX711ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
   Single-Chip Electricity Meter AFE
Rev 0; 7/12
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
   Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
1Mb / 17P
   Highly Accurate AFE for Testing
Rev 0; 6/15
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
MAX71020AETI++ MAXIM-MAX71020AETI+ Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
More results

Similar Description - MAX711ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com