Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7219CNG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7219CNG
Description  Serially Interfaced, 8-Digit LED Display Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219CNG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7219CNG Datasheet HTML 1Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 2Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 3Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 4Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 5Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 6Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 7Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 8Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Serially Interfaced, 8-Digit LED Display Drivers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(V+ = +5V, TA = +25°C, unless otherwise noted.)
730
750
740
770
760
790
780
800
820
810
830
4.0
4.4
4.8
5.2
5.6
6.0
SCAN FREQUENCY vs.
POSITIVE SUPPLY VOLTAGE
POSITIVE SUPPLY VOLTAGE (V)
0
20
10
40
30
60
50
70
0
1
2
3
4
5
SEGMENT DRIVER OUTPUT CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
RSET = 10kΩ
RSET = 20kΩ
RSET = 40kΩ
MAX7219
SEGMENT OUTPUT CURRENT
5
µs/div
10mA/div
0
MAXIMUM INTENSITY = 31/32
MAX7221
SEGMENT OUTPUT CURRENT
5
µs/div
10mA/div
0
MAXIMUM INTENSITY = 15/16


Similar Part No. - MAX7219CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219CNG MAXIM-MAX7219CNG Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219CNG MAXIM-MAX7219CNG Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
More results

Similar Description - MAX7219CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com