Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6784 Datasheet(PDF) 2 Page - International Rectifier

Part # JANTX2N6784
Description  Repetitive Avalanche Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6784 Datasheet(HTML) 2 Page - International Rectifier

  JANTX2N6784_15 Datasheet HTML 1Page - International Rectifier JANTX2N6784_15 Datasheet HTML 2Page - International Rectifier JANTX2N6784_15 Datasheet HTML 3Page - International Rectifier JANTX2N6784_15 Datasheet HTML 4Page - International Rectifier JANTX2N6784_15 Datasheet HTML 5Page - International Rectifier JANTX2N6784_15 Datasheet HTML 6Page - International Rectifier JANTX2N6784_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFF210, JANTX2N6784
2
www.irf.com
ThermalResistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
8.3
RthJA
Junction-to-Ambient
175
Typical socket mount.
°C/W
Source-DrainDiodeRatingsandCharacteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
2.25
ISM
Pulse Source Current (Body Diode) À
9.0
VSD Diode Forward Voltage
1.5
V
Tj = 25°C, IS = 2.25A, VGS = 0V Ã
trr
Reverse Recovery Time
350
ns
Tj = 25°C, IF = 2.25A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
3.0
µC
VDD ≤ 50V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.25
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
1.5
VGS = 10V, ID = 1.50A Ã
Resistance
1.725
VGS =10V, ID = 2.25A Ã
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
0.9
S
VDS = 15V, IDS = 1.50A Ã
IDSS
Zero Gate Voltage Drain Current
25
VDS = 160V, VGS = 0V
250
µA
VDS = 160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
nA
VGS = -20V
Qg
Total Gate Charge
6.2
VGS =10V, ID = 2.25A
Qgs
Gate-to-Source Charge
1.2
nC
VDS = 100V
Qgd
Gate-to-Drain (‘Miller’) Charge
5.0
td(on)
Turn-On Delay Time
15
VDD = 100V, ID = 2.25A,
tr
Rise Time
20
VGS =10V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
30
tf
Fall Time
20
LS + LD
Total Inductance
7.0
Ciss
Input Capacitance
140
VGS = 0V, VDS = 25V
Coss
Output Capacitance
55
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
8.6
nH
ns
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.


Similar Part No. - JANTX2N6784_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6784U IRF-JANTX2N6784U Datasheet
202Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET-R?쏷RANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - JANTX2N6784_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
   Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6851 IRF-JANTX2N6851_15 Datasheet
248Kb / 7P
   Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com