Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6744XKZ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6744XKZ
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6744XKZ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6744XKZ Datasheet HTML 3Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 4Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 5Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 6Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 7Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 8Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 9Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 10Page - Maxim Integrated Products MAX6744XKZ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
MR TO RESET OUTPUT DELAY
MAX6736-45 toc10
100ns/div
VMR
2V/div
VRESET
2V/div
POWER-FAIL INPUT TO
POWER-FAIL OUTPUT DELAY
MAX6736-45 toc11
10
µs/div
PFI
200mV/div
PFO
2V/div
VCC TO RESET OUTPUT DELAY
MAX6736-45 toc12
4
µs/div
VCC
200mV/div
AC-COUPLED
VRESET
2V/div
0
100
200
300
400
500
04
5
23
1
6789
10
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
VCC = 3.3V
0
1
2
3
4
0
0.50
1.00
1.50
0.25
0.75
1.25
1.75 2.00
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
SOURCING CURRENT (mA)
VCC = 3.3V


Similar Part No. - MAX6744XKZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6744 MAXIM-MAX6744 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
More results

Similar Description - MAX6744XKZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com