Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX688 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX688
Description  High-Accuracy, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX688 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX688 Datasheet HTML 1Page - Maxim Integrated Products MAX688 Datasheet HTML 2Page - Maxim Integrated Products MAX688 Datasheet HTML 3Page - Maxim Integrated Products MAX688 Datasheet HTML 4Page - Maxim Integrated Products MAX688 Datasheet HTML 5Page - Maxim Integrated Products MAX688 Datasheet HTML 6Page - Maxim Integrated Products MAX688 Datasheet HTML 7Page - Maxim Integrated Products MAX688 Datasheet HTML 8Page - Maxim Integrated Products MAX688 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Accuracy, Low-Dropout
Linear Regulators
_______________________________________________________________________________________
5
0
0.0500
0.1000
0.1500
0.2000
0.2500
0.3000
-55
-25
0
25
50
75
100
125
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
ILOAD = 70mA
C1 = 2.2
µF
C2 = 20
µF
C3 = 10nF
LINE-TRANSIENT RESPONSE
VOUT
3.3V
1mV/div
VIN
3.6V
VIN
3.4V
2ms/div
ILOAD = 200mA
C1 = 2.2
µF
C2 = 20
µF
C3 = 10nF
LINE-TRANSIENT RESPONSE
VOUT
3.3V
1mV/div
VIN
3.6V
VIN
3.4V
2ms/div
VIN = 3.4V
LOAD-TRANSIENT RESPONSE
VOUT
3.3V
10mV/div
500mA
0mA
100
µs/div
ILOAD
200mA/div
VIN = 3.5V
LOAD-TRANSIENT RESPONSE
VOUT
3.3V
10mV/div
500mA
0mA
100
µs/div
ILOAD
200mA/div
____________________________Typical Operating Characteristics (continued)
(Circuits of Figures 1 and 2, VIN = 5V, Q1 = FZT749, TA = +25°C, unless otherwise noted.)
ILOAD = 500mA
C1 = 2.2
µF
C2 = 68
µF
C3 = 10nF
MAX687/MAX688
POWER-UP AND EXIT FROM SHUTDOWN
VIN
5V/div
VOUT
1V/div
SHDN
5V/div
1ms/div
80
0
10
100
1k
10k
100k
MAX687/MAX688
RIPPLE REJECTION vs. FREQUENCY
10
20
FREQUENCY (Hz)
30
40
50
60
70
C2 = 20
µF
VIN = 4.3V Min
ILOAD = 20mA
VIN = 3.6V Min
ILOAD = 200mA


Similar Part No. - MAX688

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6880ETG++ MAXIM-MAX6880ETG+ Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6881 MAXIM-MAX6881 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6881ETE++ MAXIM-MAX6881ETE+ Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6882 MAXIM-MAX6882 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
More results

Similar Description - MAX688

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com