Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX802SCPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX802SCPA
Description  3.0V/3.3V Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX802SCPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX802SCPA Datasheet HTML 1Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 2Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 3Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 4Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 5Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 6Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 7Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 8Page - Maxim Integrated Products MAX802SCPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3.0V/3.3V Microprocessor Supervisory Circuits
4
_______________________________________________________________________________________
nA
-500
2
500
PFI Input Current
-25
2
25
MIN
TYP
MAX
ns
100
20
tMR
M
R
Pulse Width
V
0.3 x VCC
VIH
M
R
Input Threshold
0.7 x VCC
ns
60
500
tMD
M
R
to Reset Delay
µA
20
60
350
M
R
Pull-Up Current
V
0.7 x VCC
VIH
0.3 x VCC
VIL
WDI Input Threshold
1.12
1.60
2.24
ns
100
20
WDI Pulse Width
VIL
MAX690_M, MAX802_M,
MAX804_M, MAX805_M
-1
0.01
1
-10
0.01
10
µA
WDI Input Current
MAX690/MAX802/MAX804/
MAX805 only
sec
tWD
Watchdog Timeout Period
Note 1: VCC supply current, logic input leakage, watchdog functionality (MAX690_/802_/805_/804_),
M
R
functionality
(MAX704_/806_), PFI functionality, state of
R
E
S
E
T
(MAX690_/704_/802_/806_), and RESET (MAX804_/805_) tested at
VBATT = 3.6V, and VCC = 5.5V. The state of
R
E
S
E
T
or RESET and
P
F
O
is tested at VCC = VCC min.
Note 2: Tested at VBATT = 3.6V, VCC = 3.5V and 0V. The battery current will rise to 10µA over a narrow transition window around
VCC = 1.9V.
Note 3: Leakage current into the battery is tested under the worst-case conditions at VCC = 5.5V, VBATT = 1.8V and at VCC = 1.5V,
VBATT= 1.0V.
Note 4: Guaranteed by design.
Note 5: When VSW > VCC > VBATT, VOUT remains connected to VCC until VCC drops below VBATT. The VCC-to-VBATT comparator
has a small 25mV typical hysteresis to prevent oscillation. For VCC < 1.75V (typ), VOUT switches to VBATT regardless of the
voltage on VBATT.
Note 6: When VBATT > VCC > VSW, VOUT remains connected to VCC until VCC drops below the battery switch threshold (VSW).
Note 7: VOUT switches from VBATT to VCC when VCC rises above the reset threshold, independent of VBATT. Switchover back to
VCC occurs at the exact voltage that causes
R
E
S
E
T
to go high (on the MAX804_/805_, RESET goes low); however
switchover occurs 200ms prior to reset.
Note 8: The reset threshold tolerance is wider for VCC rising than for VCC falling to accommodate the 10mV typical hysteresis, which
prevents internal oscillation.
Note 9: The leakage current into or out of the RESET pin is tested with RESET asserted (RESET output high impedance).
MAX690_/MAX704_/MAX805_
V
1.187
1.237
1.287
VPFT
PFI Input Threshold
1.212
1.237
1.262
SYMBOL
PARAMETER
UNITS
MAX704_/MAX806_ only
MAX704_/MAX806_ only
MAX704_/MAX806_ only,
M
R
= 0V, VCC = 3V
0V< VCC < 5.5V
MAX704_/MAX806_ only
MAX690_M, MAX704_M, MAX80_ _M
VCC < 3.6V
VPFI falling
CONDITIONS
MAX690_/MAX802_/MAX804_/MAX805_ only
VCC < 3.6V
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
MAX802_C/E, MAX804_C/E,
MAX806_C/E
MAX690_C/E, MAX802_C/E,
MAX804_C/E, MAX805_C/E
MAX690_/MAX802_/MAX804_/MAX805_ only
MAX690_M, MAX704_M, MAX80_ _M
mV
10
25
nA
-500
2
500
PFI Input Current
-25
2
25
VPFH
PFI Hysteresis, PFI Rising
10
20
MAX690_M, MAX704_M, MAX80_ _M
VCC < 3.6V
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
MAX690_C/E, MAX704_C/E,
MAX80_ _C/E
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to
5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25˚C.)


Similar Part No. - MAX802SCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX802S MAXIM-MAX802S Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
More results

Similar Description - MAX802SCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com