Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6955APL Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6955APL
Description  2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6955APL Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6955APL Datasheet HTML 4Page - Maxim Integrated Products MAX6955APL Datasheet HTML 5Page - Maxim Integrated Products MAX6955APL Datasheet HTML 6Page - Maxim Integrated Products MAX6955APL Datasheet HTML 7Page - Maxim Integrated Products MAX6955APL Datasheet HTML 8Page - Maxim Integrated Products MAX6955APL Datasheet HTML 9Page - Maxim Integrated Products MAX6955APL Datasheet HTML 10Page - Maxim Integrated Products MAX6955APL Datasheet HTML 11Page - Maxim Integrated Products MAX6955APL Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
2-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
8
_______________________________________________________________________________________
Message Format for Writing
A write to the MAX6955 comprises the transmission of
the MAX6955’s slave address with the R/W bit set to
zero, followed by at least 1 byte of information. The first
byte of information is the command byte, which deter-
mines which register of the MAX6955 is to be written by
the next byte, if received. If a STOP condition is detect-
ed after the command byte is received, then the
MAX6955 takes no further action (Figure 7) beyond
storing the command byte.
Any bytes received after the command byte are data
bytes. The first data byte goes into the internal register of
the MAX6955 selected by the command byte (Figure 8).
If multiple data bytes are transmitted before a STOP
condition is detected, these bytes are generally stored
in subsequent MAX6955 internal registers because the
command byte address generally autoincrements
(Table 6) (Figure 9).
DIGIT
O0
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
0
CCO
a1
a2
b
c
d1
d2
e
f
g1
g2
h
ij
k
l
m
dp
1
CC1
a1
a2
b
c
d1
d2
e
f
g1
g2
h
ij
k
l
m
dp
2
a1
a2
CC2
b
c
d1
d2
e
f
g1
g2
h
ij
k
l
m
dp
3
a1
a2
CC3
b
c
d1
d2
e
f
g1
g2
h
ij
k
l
m
dp
4
a1
a2
b
c
CC4
d1
d2
e
f
g1
g2
h
ij
k
l
m
dp
5
a1
a2
b
c
CC5
d1
d2
e
f
g1
g2
h
ij
k
l
m
dp
6
a1
a2
b
c
d1
d2
CC6
e
f
g1
g2
h
ij
k
l
m
dp
7
a1
a2
b
c
d1
d2
CC7
e
f
g1
g2
h
ij
k
l
m
dp
DIGIT
O0
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
0
CCO
a
bc
d
e
f
g1
g2
h
i
j
k
l
m
dp
1
CC1
a
bc
d
e
f
g1
g2
h
i
j
k
l
m
dp
2a
CC2
bc
d
e
f
g1
g2
h
i
j
k
l
m
dp
3a
——
CC3
b
c
d
e
f
g1
g2
h
i
j
k
l
m
dp
4a
b
c
CC4
d
e
f
g1
g2
h
i
j
k
l
m
dp
5a
bc
CC5
d
e
f
g1
g2
h
i
j
k
l
m
dp
6a
bc
d
CC6
e
f
g1
g2
h
i
j
k
l
m
dp
7a
bc
d
——
CC7
e
f
g1
g2
h
i
j
k
l
m
dp
Table 2. Connection Scheme for Eight 16-Segment Digits
Table 3. Connection Scheme for Eight 14-Segment Digits
DIGIT O0
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
0, 0a CC0
1a
1b
1c
1d
1dp
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
1, 1a
CC1
1a
1b
1c
1d
1dp
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
2, 2a
1a
CC2
1b
1c
1d
1dp
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
3, 3a
1a
——
CC3
1b
1c
1d
1dp
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
4, 4a
1a
1b
1c
CC4
1d
1dp
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
5, 5a
1a
1b
1c
CC5
1d
1dp
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
6, 6a
1a
1b
1c
1d
1dp
CC6
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
7, 7a
1a
1b
1c
1d
1dp
CC7
1e
1f
1g
2a
2b
2c
2d
2e
2f
2g
2dp
Table 4. Connection Scheme for Sixteen 7-Segment Digits


Similar Part No. - MAX6955APL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6955AAX++ MAXIM-MAX6955AAX+ Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6955ATL++ MAXIM-MAX6955ATL+ Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
More results

Similar Description - MAX6955APL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com