Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX689CUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX689CUA
Description  High-Accuracy, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX689CUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX689CUA Datasheet HTML 1Page - Maxim Integrated Products MAX689CUA Datasheet HTML 2Page - Maxim Integrated Products MAX689CUA Datasheet HTML 3Page - Maxim Integrated Products MAX689CUA Datasheet HTML 4Page - Maxim Integrated Products MAX689CUA Datasheet HTML 5Page - Maxim Integrated Products MAX689CUA Datasheet HTML 6Page - Maxim Integrated Products MAX689CUA Datasheet HTML 7Page - Maxim Integrated Products MAX689CUA Datasheet HTML 8Page - Maxim Integrated Products MAX689CUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Accuracy, Low-Dropout
Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.8V, SHDN = VIN (MAX688/MAX689), RB = 0Ω, C1 = 2.2µF, C2 = 10µF, C3 = 10nF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Input Supply Voltage IN to GND ............................................12V
Terminal Voltages to GND
PFO (MAX687) ........................................-0.3V to VOUT + 0.3V
PFO (MAX688/MAX689) ......................................-0.3V to 12V
All Remaining Pins .....................................-0.3V to VIN + 0.3V
PFO Sink Current ...............................................................10mA
PFO Source Current (MAX687)...........................................10mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
Operating Temperature Ranges
MAX68_C_A .......................................................0°C to +70°C
MAX68_E_A ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX687/MAX688
(Note 1)
VBASE = VIN - 1V
PNP = FZT749, ILOAD = 100mA (Note 4)
VIN = 3.8V,
PNP = FZT749,
no load
(Note 3)
1µA
≤ IBASE ≤ 10mA
RB is connected from BASE to BLIM (Ω),
RB = 0Ω to 100Ω
CONDITIONS
µF
10
C2
Load Capacitance
%
2
Start-Up Overshoot
µs
300
Start-Up Time
mA
70
100
130
RB + 5Ω RB + 5Ω RB + 5Ω
Base-Current Limit
V
3.2
3.3
3.4
VOUT
Output Voltage
V
2.7
11.0
VIN
Supply Voltage
mA
10
20
40
IBASE
BASE Sink Current
< 0.02
1
11
25
µA
150
250
IGND
Supply Current
3.13
3.3
3.47
mV
40
VIN - VOUT
Dropout Voltage (Note 2)
mV/V
0.4
1.4
Line Regulation
mV
45
60
Load Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 3.8V, IBASE = 1mA
3.8V
≤ VIN ≤ 11.0V,
1µA
≤ IBASE ≤ 10mA
PNP = FZT749, ILOAD = 200mA, C2 = 20µF
3.8V
≤ VIN ≤ 11.0V,
IBASE = 1mA
MAX687/MAX688
MAX689
2.9
3.0
3.1
2.85
3.0
3.15
VIN = 3.5V, IBASE = 1mA
3.5V
≤ VIN ≤ 11.0V,
1µA
≤ IBASE ≤ 10mA
MAX689
3.5V
≤ VIN ≤ 11.0V,
IBASE = 1mA
0.4
1.4
On
Standby,
MAX688/MAX689
Shutdown
LINEAR REGULATOR


Similar Part No. - MAX689CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6890ETI MAXIM-MAX6890ETI Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6891ETP MAXIM-MAX6891ETP Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892 Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6892ETJ MAXIM-MAX6892ETJ Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
More results

Similar Description - MAX689CUA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com