Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX691ACWE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX691ACWE
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691ACWE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX691ACWE Datasheet HTML 1Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 2Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 3Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 4Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 5Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX691ACWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TA = TMIN + TMIN
Microprocessor Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(MAX691A, MAX800L: VCC = +4.75V to +5.5V, MAX693A, MAX800M: VCC = +4.5V to +5.5V, VBATT = 2.8V, TA = TMIN to TMAX,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC .......................................................................-0.3V to +6V
VBATT...................................................................-0.3V to +6V
All Other Inputs .....................................-0.3V to (VOUT + 0.3V)
Input Current
VCC Peak...........................................................................1.0A
VCC Continuous.............................................................250mA
VBATT Peak ..................................................................250mA
VBATT Continuous ..........................................................25mA
GND, BATT ON .............................................................100mA
All Other Outputs ............................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ...........696mW
Wide SO (derate 9.52mW/°C above +70°C)...............762mW
CERDIP (derate 10.00mW/°C above +70°C) ..............800mW
Operating Temperature Ranges
MAX69_AC_ _/MAX800_C_ _ .............................0°C to +70°C
MAX69_AE_ _/MAX800_E_ _ ...........................-40°C to +85°C
MAX69_AMJE ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VBATT - 0.15
MAX69_AC, MAX800_C
0.8
1.2
VBATT = 4.5V, IOUT = 20mA
µA
-1.0
0.02
VBATT + 0.2V
≤ VCC
VBATT Standby Current
(Note 3)
-0.1
0.02
µA
5
VCC < VBATT - 1.2V
VBATT = 2.8V
Supply Current in
Battery-Backup Mode
(Excludes IOUT) (Note 2)
VBATT = 2.8V, IOUT = 10mA
V
0
5.5
CONDITIONS
Operating Voltage Range,
VCC, VBATT (Note 1)
VBATT = 4.5V
0.04
1
µA
30
100
Supply Current in
Normal Operating Mode
(Excludes IOUT)
V
VOUT in Battery-Backup
Mode
VBATT - 0.25
VBATT = 2.8V
30
VBATT - 0.3
VBATT-to-VOUT
On-Resistance
UNITS
MIN
TYP
MAX
PARAMETER
25
TA = +25°C
VCC > VBATT - 1V
TA = TMIN + TMIN
VBATT = 2.0V, IOUT = 5mA
TA = +25°C
TA = TMIN + TMIN
15
VBATT = 2.0V
VCC = 4.5V
IOUT = 250mA
VCC - 0.02
VCC - 0.05
IOUT = 25mA
MAX69_AC/AE,
MAX800_C/E
IOUT = 210mA
VCC - 0.2
VCC - 0.35
VCC - 0.2
VCC - 0.3
V
VCC - 0.40
VCC - 0.17
VCC - 0.3V
VOUT Output
MAX69_AE,
MAX800_C/E
MAX69_AC
MAX69_A/M
MAX69_AE, MAX800_E
0.8
1.4
MAX69_A/M
0.8
1.6
VCC = 4.5V
VCC-to-VOUT On-Resistance
V
VBATT - 0.3
Power-up
Battery Switchover
Threshold
VBATT + 0.3
Power-down


Similar Part No. - MAX691ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691ACWE MAXIM-MAX691ACWE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX691ACWE MAXIM-MAX691ACWE Datasheet
2Mb / 17P
   Microprocessor Supervisory Circuits
2018
More results

Similar Description - MAX691ACWE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com