Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX689CPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX689CPA
Description  High-Accuracy, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX689CPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX689CPA Datasheet HTML 4Page - Maxim Integrated Products MAX689CPA Datasheet HTML 5Page - Maxim Integrated Products MAX689CPA Datasheet HTML 6Page - Maxim Integrated Products MAX689CPA Datasheet HTML 7Page - Maxim Integrated Products MAX689CPA Datasheet HTML 8Page - Maxim Integrated Products MAX689CPA Datasheet HTML 9Page - Maxim Integrated Products MAX689CPA Datasheet HTML 10Page - Maxim Integrated Products MAX689CPA Datasheet HTML 11Page - Maxim Integrated Products MAX689CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
High-Accuracy, Low-Dropout
Linear Regulators
10
______________________________________________________________________________________
Table 2a. Component Suppliers
DEVICE
MANUFACTURER
PRODUCTION
METHOD
267 series
Matsuo
Surface Mount
F95 Tantalum series Nichicon
595 Tantalum series Sprague
OS-CON series
low-ESR organic
semiconductor
Sanyo
Through-Hole
LXF series
United Chemi-Con
ZTX749
Zetex
Through-Hole
T1P42
Motorola
2N4403
Motorola
2N2907A
Motorola
CMPT2907A
Central Semiconductor
Surface Mount
PZT2907AT1
Motorola
FZT749
Zetex
CAPACITORS
BIPOLAR TRANSISTORS
Table 2b. Manufacturers’ Phone
and Fax Numbers
MANU-
FACTURER
COUNTRY
TELEPHONE
FAX
Central
Semiconductor
USA
(516) 435-1110 (516) 435-1824
Matsuo
USA
(714) 969-2491 (714) 960-6492
Motorola
USA
(602) 244-3370 (602) 244-4015
Nichicon
USA
(708) 843-7500 (708) 843-2798
Japan
+81-7-5231-
8461
+81-7-5256-
4158
Sanyo
USA
(619) 661-6835 (619) 661-1055
Japan
+81-7-2070-
6306
+81-7-2070-
1174
Sprague
USA
(603) 224-1961 (603) 224-1430
United
Chemi-Con
USA
(714) 255-9500 (714) 255-9400
USA
(516) 543-7100 (516) 864-7630
Zetex
UK
+44-61-627-
5105
+44-61-627-
5467


Similar Part No. - MAX689CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6890ETI MAXIM-MAX6890ETI Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6891ETP MAXIM-MAX6891ETP Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892 Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6892ETJ MAXIM-MAX6892ETJ Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
More results

Similar Description - MAX689CPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com