Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6364LUT23 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6364LUT23
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6364LUT23 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6364LUT23 Datasheet HTML 1Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 2Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 3Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 4Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 5Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 6Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 7Page - Maxim Integrated Products MAX6364LUT23 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2000 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information
GND
VCC
BATT ON
16
BATT
5
OUT
RESET, RESET
MAX6363
TOP VIEW
2
34
GND
VCC
RESET IN
16
BATT
5
OUT
RESET, RESET
MAX6364
2
34
SOT23-6
SOT23-6
Pin Configurations (continued)
Typical Operating Circuit
RESET
OUT
GND
BATT
RESET IN
VCC
VCC
VCC
GND
µP
GND
SRAM
0.1
µF
R2
R1
0.1
µF
RESET
UNREGULATED
DC VOLTAGE
3.6V Li+
BATTERY
2.4V TO 5.5V
MAX6364
Chip Information
TRANSISTOR COUNT: 720


Similar Part No. - MAX6364LUT23

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6364LUT MAXIM-MAX6364LUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
More results

Similar Description - MAX6364LUT23

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com