Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9K25-40E Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK9K25-40E
Description  Dual N-channel 40 V, 29 m logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K25-40E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK9K25-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 10Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 11Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 12Page - NXP Semiconductors BUK9K25-40E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
BUK9K25-40E
Dual N-channel 40 V, 29 mΩ logic level MOSFET
BUK9K25-40E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
9 / 13
003aak325
0
0.2
0.4
0.6
0.8
1
1.2
0
8
16
24
32
40
VSD (V)
IS
IS
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 16. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values


Similar Part No. - BUK9K25-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
   Dual N-channel 40 V, 29 m廓 logic level MOSFET
More results

Similar Description - BUK9K25-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
   Dual N-channel 40 V, 29 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK9Y29-40E NXP-BUK9Y29-40E Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y29-40E PHILIPS-BUK9Y29-40E_15 Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9K6R8-40E PHILIPS-BUK9K6R8-40E_15 Datasheet
347Kb / 13P
   Dual N-channel 40 V, 7.2 m logic level MOSFET
5 December 2013
BUK9K8R7-40E PHILIPS-BUK9K8R7-40E_15 Datasheet
344Kb / 13P
   Dual N-channel 40 V, 9.4 m logic level MOSFET
10 December 2013
logo
Nexperia B.V. All right...
BUK9Y29-40E NEXPERIA-BUK9Y29-40E Datasheet
741Kb / 13P
   N-channel 40 V, 29 mΩ logic level MOSFET in LFPAK56
7 May 2013
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
   Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
BUK9K8R7-40E NEXPERIA-BUK9K8R7-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 9.4 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK7Y29-40E NXP-BUK7Y29-40E Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y29-40E PHILIPS-BUK7Y29-40E_15 Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com