Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6953EAX Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6953EAX
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953EAX Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6953EAX Datasheet HTML 1Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 2Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 3Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 4Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 5Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 6Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 7Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 8Page - Maxim Integrated Products MAX6953EAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5
7
Matrix LED Display Driver
_______________________________________________________________________________________
5
80
85
95
90
100
105
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DEAD CLOCK OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.95
0.97
0.96
0.99
0.98
1.00
1.01
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT SOURCE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
WAVEFORMS AT O2 (PIN 3) AND O14
(PIN 28) V+ = 3.3V, 8/16 INTENSITY
GROUND FOR
ANODE
(PIN 014)
GROUND FOR
CATHODE
(PIN 03)
200
µs/div
Typical Operating Characteristics (continued)
(Typical application circuit, V+ = 3.3V, LED forward voltage = 2.4V, scan limit set to 4 digits, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
SSOP
PDIP
NAME
FUNCTION
1, 2, 3, 6–14, 23, 24
1, 2, 3, 7–15, 26, 27
O0 to O13
LED Cathode Drivers. O0 to O13 outputs sink current from
the display’s cathode rows.
4, 5, 17
4, 5, 6, 19
GND
Ground
15
17
ISET
Segment Current Setting. Connect ISET to GND through
series resistor RSET to set the peak current.
16
18
AD1
Address Input 1. Sets device slave address. Connect to
either GND, V+, SCL, SDA to give four logic combinations.
See Table 3.
16, 25
N.C.
Not Connected
18
20
BLINK
Blink Output. Output is open drain.
19
21
OSC
Multiplex Clock Input. To use internal oscillator, connect
capacitor CSET from OSC to GND. To use external clock,
drive OSC with a 1MHz to 8MHz CMOS clock.
20
22
AD0
Address Input 0. Sets device slave address. Connect to
either GND, V+, SCL, SDA to give four logic combinations.
See Table 3.
21
23
SDA
I
2
C-Compatible Serial Data I/O
22
24
SCL
I
2
C-Compatible Serial Clock Input
25–31, 34, 35, 36
28–34, 38, 39, 40
O14 to O23
LED Anode Drivers. O14 to O23 outputs source current to
the display’s anode columns.
32, 33
35, 36, 37
V+
Positive Supply Voltage. Bypass V+ to GND with a 47µF
bulk capacitor and a 0.1µF ceramic capacitor.


Similar Part No. - MAX6953EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6953EAX MAXIM-MAX6953EAX Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
More results

Similar Description - MAX6953EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX6852 MAXIM-MAX6852 Datasheet
489Kb / 32P
   4-Wire Interfaced, 5 x 7 Matrix Vacuum- Fluorescent Display Controller
Rev 1; 11/02
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6853 MAXIM-MAX6853 Datasheet
487Kb / 35P
   2-Wire Interfaced, 5 . 7 Matrix Vacuum- Fluorescent Display Controller
Rev 0; 10/02
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com